Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP1617CA5 Datasheet(PDF) 4 Page - FIDELIX

Part # FMP1617CA5
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617CA5 Datasheet(HTML) 4 Page - FIDELIX

  FMP1617CA5 Datasheet HTML 1Page - FIDELIX FMP1617CA5 Datasheet HTML 2Page - FIDELIX FMP1617CA5 Datasheet HTML 3Page - FIDELIX FMP1617CA5 Datasheet HTML 4Page - FIDELIX FMP1617CA5 Datasheet HTML 5Page - FIDELIX FMP1617CA5 Datasheet HTML 6Page - FIDELIX FMP1617CA5 Datasheet HTML 7Page - FIDELIX FMP1617CA5 Datasheet HTML 8Page - FIDELIX FMP1617CA5 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FMP1617CAx
CMOS LPRAM
Revision 0.1
Jun. 2006
4
DC AND OPERATING CHARACTERISTICS
1. Capacitance is sampled, not 100% tested.
CAPACITANCE1) (f=1MHz , TA=25’C)
8
8
Max
-
-
Min
pF
VIO=0V
CIO
Input/Output capacitance
pF
VIN=0V
CIN
Input capacitance
Unit
Test Condition
Symbol
Item
uA
10
-
-
/ZZ≤0.2V, Other inputs=0~VCC, No refresh(DPD)
ISB0
Low Power Modes
uA
70
-
-
/ZZ≤0.2V, Other inputs=0~VCC, ¼ refresh area selection
ISB0a
uA
80
-
-
/ZZ≤0.2V, Other inputs=0~VCC, ½ refresh area selection
ISB0b
uA
100
-
-
/CS≥VCC-0.2V, /ZZ≥VCC-0.2V, Other inputs=0~VCC
ISB1
Standby Current(CMOS)
uA
1
-
-1
/CS=VIH, /ZZ=VIH, /OE=VIH or /WE=VIL, VIO=VSS to VCC
ILO
Output leakage current
uA
1
-
-1
VIN=VSS to VCC
ILI
Input leakage current
mA
3
-
-
Cycle time=1us, 100%duty, IIO=0mA, /CS≤0.2V, /ZZ=VIH,
VIN≤0.2V or VIN≥VCC-0.2V
ICC1
Average operating current
V
0.2VCCQ
IOL=0.5mA
VOL
Output low voltage
mA
20
-
-
Cycle time=Min, IIO=0mA, 100% duty, /CS=VIL, /ZZ=VIH,
VIN=VIL or VIH
ICC2
V
0.8VCCQ
IOH=-0.5mA
VOH
Output high voltage
100
0.3
Max
-
-
Typ
-
-
Min
uA
/ZZ≤0.2V, Other inputs=0~VCC, All refresh area selection
ISB0c
mA
/CS=VIH, /ZZ=VIH, Other inputs=VIH or VIL
ISB
Standby Current(TTL)
Unit
Test Conditions
Symbol
Item
-10℃ to +60℃
Special
FMP1617CAx-XxxS
0℃ to +70℃
Commercial
FMP1617CAx-XxxC
-25℃ to +85℃
Extended
FMP1617CAx-XxxE
1.65V to Vcc
2.7V to 3.3V
-40℃ to +85℃
Industrial
FMP1617CAx-XxxI
VDDQ
VDD
Ambient Temperature
Range
Device
Operating Range


Similar Part No. - FMP1617CA5

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-FXXX FIDELIX-FMP1617CA0-FXXX Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-G60E FIDELIX-FMP1617CA0-G60E Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-G70E FIDELIX-FMP1617CA0-G70E Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-GXXX FIDELIX-FMP1617CA0-GXXX Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP1617CA5

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DCX FIDELIX-FMP1617DCX Datasheet
160Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
Samsung semiconductor
K6F1616U6M SAMSUNG-K6F1616U6M Datasheet
176Kb / 9P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
FIDELIX
FMP1617DA0 FIDELIX-FMP1617DA0 Datasheet
147Kb / 9P
   1M x 16bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com