Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT68166FT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT68166FT
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166FT Datasheet(HTML) 2 Page - ATMEL Corporation

  AT68166FT Datasheet HTML 1Page - ATMEL Corporation AT68166FT Datasheet HTML 2Page - ATMEL Corporation AT68166FT Datasheet HTML 3Page - ATMEL Corporation AT68166FT Datasheet HTML 4Page - ATMEL Corporation AT68166FT Datasheet HTML 5Page - ATMEL Corporation AT68166FT Datasheet HTML 6Page - ATMEL Corporation AT68166FT Datasheet HTML 7Page - ATMEL Corporation AT68166FT Datasheet HTML 8Page - ATMEL Corporation AT68166FT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
7531G–AERO–07/07
AT68166FT
Block Diagram
Figure 1. AT68166FT Block Diagram
Figure 2. 512K x 8 Banks Block Diagram (AT60142FT)
Packages
AT68166FT is packed in MQFP68.
The pin assignment depends on the access time. There are 2 versions:
YM package where 3 pins are not connected.
YS package where the 3 above pins are connected to GND or VCC.
A[18:0]
OE
CS1
WE1
I/O[15:8]
BANK1
512k x 8
CS2
WE2
I/O[23:16]
BANK2
512k x 8
CS3
WE3
I/O[31:24]
BANK3
512k x 8
CS0
WE0
I/O[7:0]
BANK0
512k x 8
or
I/O2[31:16]
or
I/O2[15:0]
or
I/O1[31:16]
or
I/O1[15:0]
or
I/O3[7:0]
or
I/O2[7:0]
or
I/O1[7:0]
or
I/O[7:0]
A0
-
-
-
A
10
I/Ox
0
I/Ox7
CSx
WEx
OE
Access Times
25 ns
20 ns
18 ns
AT68166FT
YM
YS
YS


Similar Part No. - AT68166FT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166FT-YM25-E ATMEL-AT68166FT-YM25-E Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT-YM25-SCC ATMEL-AT68166FT-YM25-SCC Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT-YS18-E ATMEL-AT68166FT-YS18-E Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT-YS18-MQ ATMEL-AT68166FT-YS18-MQ Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT-YS18-SCC ATMEL-AT68166FT-YS18-SCC Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
More results

Similar Description - AT68166FT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
logo
Aeroflex Circuit Techno...
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com