Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS6416LAX-75XX Datasheet(PDF) 4 Page - FIDELIX

Part # CMS6416LAX-75XX
Description  64M(4Mx16) Low Power SDRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS6416LAX-75XX Datasheet(HTML) 4 Page - FIDELIX

  CMS6416LAX-75XX Datasheet HTML 1Page - FIDELIX CMS6416LAX-75XX Datasheet HTML 2Page - FIDELIX CMS6416LAX-75XX Datasheet HTML 3Page - FIDELIX CMS6416LAX-75XX Datasheet HTML 4Page - FIDELIX CMS6416LAX-75XX Datasheet HTML 5Page - FIDELIX CMS6416LAX-75XX Datasheet HTML 6Page - FIDELIX CMS6416LAX-75XX Datasheet HTML 7Page - FIDELIX CMS6416LAX-75XX Datasheet HTML 8Page - FIDELIX CMS6416LAX-75XX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Rev1.3, Nov. 2005
CMS6416LAx-75xx
Pin Configuration for X16
VSS
DQ15
VSSQ
VDDQ
DQ0
VDD
DQ13
VDDQ
VSSQ
DQ2
DQ1
DQ14
DQ11
VSSQ
VDDQ
DQ4
DQ3
DQ12
DQ9
VDDQ
VSSQ
DQ6
DQ5
DQ10
NC
VSS
VDD
LDQM
DQ7
DQ8
CLK
CKE
/CAS
/RAS
/WE
UDQM
A11
A9
BA0
BA1
/CS
NC
A7
A6
A0
A1
A10
A8
A5
A4
A3
A2
VDD
VSS
54 ball FBGA(8mm x 8mm)
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J


Similar Part No. - CMS6416LAX-75XX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMS6416LAX-15EX FIDELIX-CMS6416LAX-15EX Datasheet
1Mb / 46P
   64M(4Mx16) Low Power SDRAM
More results

Similar Description - CMS6416LAX-75XX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMS6416LAX-15EX FIDELIX-CMS6416LAX-15EX Datasheet
1Mb / 46P
   64M(4Mx16) Low Power SDRAM
logo
Hynix Semiconductor
HY5DV641622AT HYNIX-HY5DV641622AT Datasheet
276Kb / 27P
   64M(4Mx16) DDR SDRAM
logo
Samsung semiconductor
K3S7V2000M-TC SAMSUNG-K3S7V2000M-TC Datasheet
1Mb / 27P
   64M-Bit (4Mx16 /2Mx32) Synchronous MASKROM
KM23C64000T SAMSUNG-KM23C64000T Datasheet
71Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
logo
Elpida Memory
EDS6416AJTA ELPIDA-EDS6416AJTA Datasheet
629Kb / 49P
   64M bits SDRAM
EDS6416GHTA ELPIDA-EDS6416GHTA Datasheet
629Kb / 49P
   64M bits SDRAM
logo
Samsung semiconductor
K3P7V1000 SAMSUNG-K3P7V1000 Datasheet
62Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
logo
Elpida Memory
ECS6416AHCN-A ELPIDA-ECS6416AHCN-A Datasheet
707Kb / 47P
   64M bits SDRAM Bare Chip
ECS6432AFCN-A ELPIDA-ECS6432AFCN-A Datasheet
706Kb / 47P
   64M bits SDRAM Bare Chip
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com