Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAM2533 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM2533
Description  Audio Processing
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2533 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM2533 Datasheet HTML 1Page - ATMEL Corporation ATSAM2533 Datasheet HTML 2Page - ATMEL Corporation ATSAM2533 Datasheet HTML 3Page - ATMEL Corporation ATSAM2533 Datasheet HTML 4Page - ATMEL Corporation ATSAM2533 Datasheet HTML 5Page - ATMEL Corporation ATSAM2533 Datasheet HTML 6Page - ATMEL Corporation ATSAM2533 Datasheet HTML 7Page - ATMEL Corporation ATSAM2533 Datasheet HTML 8Page - ATMEL Corporation ATSAM2533 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
6396A–DRMSD–15-Oct-08
ATSAM2533
5.
Pinout
5.1
Pin Description by Function 100-pin LQFP Package
• 5VT indicates a 5 volt tolerant input or i/O pin.
Table 5-1.
ATSAM2523 Pinout by Name
Name
Pin#
TYPE
Function
GND
1, 12, 26, 41,
51, 69, 76,
77, 84
PWR
Power ground - all GND pins should be returned to digital ground
VD18
79
PWR
Power for the internal PLL, + 1.8V nominal (1.8V ± 10%). These pins can be connected to the
output of the regulator OUTVC18 (pin 34).
A 100 nF decoupling capacitor should be connected between this pin and PLL ground (pin77)
VD33
13, 25, 33,
42, 50, 59,
68, 75, 83,
100
PWR
Periphery power + 3V to 3.6V. All VD33 pins should be returned to nominal +3.3V.
OUTVC18
34
PWR
3.3V to 1.8 V regulator output. The built-in regulator gives 1.8V for internal use (core supply).
PLL supply pin VD18 could also be connected to this pin.
Decoupling capacitors 470pF in parallel with 2.2 or 4.7µF must be connected between
OUTVC18 and GND.
D0-D7
4-11
I/O 5VT
8 bit data bus to host processor. Information on these pins is parallel MIDI
CS
2
IN 5VT
Chip select from host, active low.
WR
99
IN 5VT
Write from host, active low.
RD
3
IN 5VT
Read from host, active low.
A0
98
IN 5VT
Select address of slave 8-bit interface registers:
0: data registers (read/write)
1: status register (read) control register (write)
This pin has a built-in pull down.
IRQ
97
OUT
Slave 8bit interface interrupt request. High when data is ready to be transferred from chip to
host. Reset by a read from host (CS/=0 and RD/=0)
RESET
82
IN 5VT
Master reset input, active low.
X1,X2
80, 81
Crystal connection. Crystal frequency should be Fs * 256 (typ 12.288 MHz)
Xtal frequency is internally multiplied by 4 to provide the IC master clock. An external 12.288
MHz clock can also be used on X1 (Analog or 3.3V CMOS logic). X2 cannot be used to drive
external ICs, use CKOUT instead.
CKOUT
88
OUT
Buffered X2 output, can be used to drive external DAC master clock (256 * Fs)
DABD0-1
91, 92
OUT
Two stereo serial audio data output (4 audio channels). Each output holds 64 bits (2 x 32) of
serial data per frame. Audio data has up to 20 bits precision.
CLBD
89
OUT
Audio data bit clock, provides timing to DABD0-1, DAAD.
WSBD
90
OUT
Audio data word select. The timing of WSBD can be selected to be I2S or Japanese
compatible.
DAAD
93
IN 5VT
Stereo serial audio data input.
P0-P3
49, 52-54
I/O 5VT
General purpose programmable I/O pins. These pins have a built-in pull down.


Similar Part No. - ATSAM2533

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM2553 ATMEL-ATSAM2553 Datasheet
604Kb / 29P
   Sound Synthesis
More results

Similar Description - ATSAM2533

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
   Audio Processing
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
   TV AUDIO PROCESSING CIRCUIT
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
VLSI Solution Oy
VS1005G VLSI-VS1005G Datasheet
2Mb / 118P
   Audio Processing Platform IC
Version: 0.63, 2014-12-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com