Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT73C209 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT73C209
Description  Power Management and Analog Companions PMAAC)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C209 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT73C209 Datasheet HTML 1Page - ATMEL Corporation AT73C209 Datasheet HTML 2Page - ATMEL Corporation AT73C209 Datasheet HTML 3Page - ATMEL Corporation AT73C209 Datasheet HTML 4Page - ATMEL Corporation AT73C209 Datasheet HTML 5Page - ATMEL Corporation AT73C209 Datasheet HTML 6Page - ATMEL Corporation AT73C209 Datasheet HTML 7Page - ATMEL Corporation AT73C209 Datasheet HTML 8Page - ATMEL Corporation AT73C209 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Features
Power Management
– Supply Input from USB or 1x Disposal Battery (Alkaline, NimH, NiCd)
– Input Voltage Range: 0.9V to 1.8V
– 2.7V/2.9V/3.1V/3.3V - 100 mA Step-Up DC/DC Converter for Main Supply
– 2.7V to 3.5V (100mV step) - 150 mA LDO from USB supply
– 2.4V to 3.0V (200mV step) - 60 mA LDO for Analog Supply
– Reset Generator
– SPI Interface and Internal Programming Registers
– Dynamic Power Management
– Very Low Quiescent Current Operation
Stereo Audio DAC
– Programmable Stereo Audio DAC (16-bits, 18-bits or 20-bits)
– 93 dB SNR Playback Stereo Channels
– 32 Ohm/20 mW Stereo Headset Drivers with Master Volume and Mute Controls
– Stereo Line Level Input with Volume Control/Mute and Playback through the
Headset Driver
– Microphone Preamplifier
– Stereo, Mono and Reverse Stereo Mixer
– Left/Right Speaker Short-Circuit Detection Flag
– 8, 11.024, 16, 22.05, 24, 32, 44.1 and 48 kHz Sampling Rates
– 256x or 384xFs Master Clock Frequency
– I2S Serial Audio Interface
– Low Power Operation
Applications:
– Ideally Suited to Interface with Atmel’s AT8xC51SNDxC MP3 Microcontroller
– Portable Music Players, Digital Cameras, CD Players, Handheld GPS
1.
Description
The AT73C209 is a fully integrated, low cost, combined Stereo Audio DAC and Power
Management Circuit targeted for battery powered devices such as MP3 players in
“walkman” format or “mass storage” USB format.
The stereo DAC section is a complete high performance, stereo audio digital-to-ana-
log converter delivering a 93 dB dynamic range. It comprises a multibit sigma-delta
modulator with dither, continuous time analog filters and analog output drive circuitry.
This architecture provides a high insensitivity to clock jitter. The digital interpolation fil-
ter increases the sample rate by a factor of 8, using 3 linear phase half-band
cascaded filters, followed by a first order SINC interpolator with a sample-rate factor of
8. This filter eliminates the images of baseband audio, retaining only the image at 64x
the input sample rate, which is eliminated by the analog post filter. Optionally, a dither
signal can be added that reduces possible noise tones at the output. However, the
use of a multibit sigma-delta modulator provides extremely low noise tone energy.
Master clock is 256 or 384 times the input data rate, allowing multiple choice of input
data rate up to 48 kHz, including standard audio rates of 48, 44.1, 32, 16 and 8 kHz.
The DAC section also comprises volume and mute control and can be simultaneously
played back directly on the line outputs and through a 32-Ohms stereo headset.
Power
Management
and Analog
Companions
(PMAAC)
AT73C209
Audio and Power
Management
6365A–PMAAC–12-Mar-08


Similar Part No. - AT73C209

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C209 ATMEL-AT73C209_14 Datasheet
1Mb / 63P
   SPI Interface and Internal Programming Registers
More results

Similar Description - AT73C209

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C224-A ATMEL-AT73C224-A Datasheet
1Mb / 75P
   Power Management and Analog Companions (PMAAC)
AT73C206 ATMEL-AT73C206 Datasheet
140Kb / 4P
   Power Management And Analog Companions (PMAAC)
AT73C237 ATMEL-AT73C237 Datasheet
959Kb / 33P
   Power Management and Analog Companions (PMAAC)
AT73C239 ATMEL-AT73C239_07 Datasheet
472Kb / 31P
   Power Management and Analog Companions (PMAAC)
AT73C213B ATMEL-AT73C213B Datasheet
1Mb / 37P
   Power Management and Analog Companions (PMAAC)
AT73C240 ATMEL-AT73C240 Datasheet
1Mb / 38P
   Power Management and Analog Companions
logo
STMicroelectronics
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
   Reset and power management
January 2017 Rev 4
STM32F042X4 STMICROELECTRONICS-STM32F042X4 Datasheet
1Mb / 117P
   Reset and power management
January 2017 Rev 5
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
   Reset and power management
January 2017 Rev 5
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
   Reset and power management
July 2016 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com