Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT73C224-G Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT73C224-G
Description  Power Management and Analog Companions (PMAAC)
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C224-G Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT73C224-G Datasheet HTML 5Page - ATMEL Corporation AT73C224-G Datasheet HTML 6Page - ATMEL Corporation AT73C224-G Datasheet HTML 7Page - ATMEL Corporation AT73C224-G Datasheet HTML 8Page - ATMEL Corporation AT73C224-G Datasheet HTML 9Page - ATMEL Corporation AT73C224-G Datasheet HTML 10Page - ATMEL Corporation AT73C224-G Datasheet HTML 11Page - ATMEL Corporation AT73C224-G Datasheet HTML 12Page - ATMEL Corporation AT73C224-G Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
9
6266A–PMAAC–08-Sep-08
AT73C224
5.
Detailed Description
The AT73C224-x is a family of Power Management Units with four power supplies and an ultra
low-power Real-time Clock.
By choosing a specific ordering code “x” from A to H, different automatic start-up sequences and
management modes can be selected.
The start-up sequence includes the order of power-on, as well as the default value of the power
supplies (see Section 5.2 ”Automatic Start-up Sequences and Shut-down”). The user can after-
wards change this default value via SPI or TWI, if the dynamic mode has been chosen (see
Section 5.3 ”Digital Control and Protocol”).
5.1
Core
The core of the AT73C224-x device integrates the following blocks:
• Power-On-Reset for the backup battery.
• Internal switch and LDO dedicated to the backup battery. The output of the LDO_RTC is set
to 2.6V and the switch is on when the main battery higher than 2.8V (charge of the backup
battery).See Section 7.7 for electrical details.
• Real-Time-Clock digital bloc + 32 kHz oscillator.
• Power-On-Reset for the main battery.
• Voltage Monitor (VMON) of the main battery.
• Digital Power Management Control (PMC) for automatic start-up sequences. Digital output
POK indicates when start-up is completed, whereas ITB digital output signal informs the user
(typically the microcontroller) of a default in the DC/DCs (short-circuit) or too low main battery
value.
• TWI and SPI protocol blocs.
• DC/DC Step-up converter BOOST1: A 3.3V to 5.2V(100 mV step), 1A, asynchronous DC/DC
Step-up Converter available for overall system requirements. The DC/DC can be
implemented through proper external components in BUCK/BOOST (SEPIC) configuration.
The output voltage can be programmed via the internal registers. BOOST1 is supplied
directly by the battery.
• DC/DC Step-down converter BUCK2: A 0.9V to 3.4V, 500 mA fully integrated synchronous
PWM DC/DC Step-down Converter. The output voltage can be programmed via the internal
registers. A Pulse Skipping mode is available in order to improve efficiency at very light load
current values. In order to guarantee very low supply voltage functionality, the controller is
supplied by the max voltages between the main battery and the output of BOOST1 (VO1).
BUCK2 can be directly supplied by the battery or by the output of BOOST1.
• LDO3: A 1.3V, 1.5V to 1.8V (100 mV of step), 2.5V to 2.8V (100 mV of step), 3.3V, 200 mA –
Low Drop out regulators. The output voltage can be programmed via the internal registers.
LDO3 can work with supply from 1.8V up to 5.5V. This LDO can be supplied by the battery, by
the output of BOOST1, or by the output of BUCK2.
• LDO4: same functionality than LDO3.
• Main Bandgap: 1.18V reference voltage.
• 900 kHz Oscillator.
• Internal LDO (VINT) at 2.8V for internal supply.


Similar Part No. - AT73C224-G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C224-G ATMEL-AT73C224-G_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
More results

Similar Description - AT73C224-G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C209 ATMEL-AT73C209 Datasheet
1Mb / 63P
   Power Management and Analog Companions PMAAC)
AT73C206 ATMEL-AT73C206 Datasheet
140Kb / 4P
   Power Management And Analog Companions (PMAAC)
AT73C237 ATMEL-AT73C237 Datasheet
959Kb / 33P
   Power Management and Analog Companions (PMAAC)
AT73C239 ATMEL-AT73C239_07 Datasheet
472Kb / 31P
   Power Management and Analog Companions (PMAAC)
AT73C213B ATMEL-AT73C213B Datasheet
1Mb / 37P
   Power Management and Analog Companions (PMAAC)
AT73C240 ATMEL-AT73C240 Datasheet
1Mb / 38P
   Power Management and Analog Companions
logo
STMicroelectronics
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
   Reset and power management
January 2017 Rev 4
STM32F042X4 STMICROELECTRONICS-STM32F042X4 Datasheet
1Mb / 117P
   Reset and power management
January 2017 Rev 5
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
   Reset and power management
January 2017 Rev 5
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
   Reset and power management
July 2016 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com