Part Name
         Description
CMS3216LAX-75EX

 32M(2Mx16) Low Power SDRAM ( 46 Page)


FIDELIX
100% 
Zoom Out Zoom In
 
 4 page
background image
Rev0.2, Aug. 2006
CMS3216LAx-75Ex
Pin Configuration
Top View
VSS
DQ15
VSSQ
VDDQ
DQ0
VDD
DQ13
VDDQ
VSSQ
DQ2
DQ1
DQ14
DQ11
VSSQ
VDDQ
DQ4
DQ3
DQ12
DQ9
VDDQ
VSSQ
DQ6
DQ5
DQ10
NC
VSS
VDD
LDQM
DQ7
DQ8
CLK
CKE
/CAS
/RAS
/WE
UDQM
NC
A9
BS
NC
/CS
NC
A7
A6
A0
A1
A10
A8
A5
A4
A3
A2
VDD
VSS
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
54 ball FBGA(8mm x 8mm)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M39P0R9080E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash Memory 256 Mbit Low Power SDRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreNumonyx B.V
RMLD232UAW2M x 32 bit Low Power DDR SDRAM 1 2 3 4 5 MoreEmerging Memory & Logic Solutions Inc
M65KA512AB512Mbit 4 Banks x 8M x 16 133 MHz Clock Rate Bare Die 1.8 V Supply Low Power SDRAM 1 2 3 4 5 MoreSTMicroelectronics
M39P0R8070E2256 or 512Mbit x16 Multiple Bank Multi-Level Burst Flash memory 128 Mbit Low Power SDRAM 1.8V supply Multi-Chip Package 1 2 3 4 5 MoreNumonyx B.V
M39P0R9080E4512 Mb or 1 Gb x16 multiple bank multilevel burst Flash memory 256 Mbit low power SDRAM 1.8 V supply multichip package 1 2 3 4 5 MoreNumonyx B.V
M65KG512AB512Mbit 4 banks x 8 Mb x 16 1.8 V supply DDR low power SDRAM 1 2 3 4 5 MoreSTMicroelectronics
EM6693254M x 32 Low Power SDRAM LPSDRAM 1 2 3 4 5 MoreEtron Technology, Inc.
M65KG256AB256Mbit 4 Banks x 4M x 16 1.8V Supply 133MHz Clock Rate DDR Low Power SDRAM 1 2 3 4 5 MoreSTMicroelectronics
EM6A93254M x 32 Low Power SDRAM LPSDRAM 1 2 3 4 5 MoreEtron Technology, Inc.
EM66932A4M x 32 Hand-Held Low Power SDRAM LPSDRAM 1 2 3 4 5 MoreEtron Technology, Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl