Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS4A16LAG Datasheet(PDF) 8 Page - FIDELIX

Part # CMS4A16LAG
Description  128M(8Mx16) Low Power SDRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS4A16LAG Datasheet(HTML) 8 Page - FIDELIX

Back Button CMS4A16LAG Datasheet HTML 4Page - FIDELIX CMS4A16LAG Datasheet HTML 5Page - FIDELIX CMS4A16LAG Datasheet HTML 6Page - FIDELIX CMS4A16LAG Datasheet HTML 7Page - FIDELIX CMS4A16LAG Datasheet HTML 8Page - FIDELIX CMS4A16LAG Datasheet HTML 9Page - FIDELIX CMS4A16LAG Datasheet HTML 10Page - FIDELIX CMS4A16LAG Datasheet HTML 11Page - FIDELIX CMS4A16LAG Datasheet HTML 12Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Rev. 0.5, May. ‘07
CMS4A16LAx–75Ex
8
sequential and the interleaved burst types, and a full-page burst
is available for the sequential type. The full-page burst is used
in conjunction with the BURST TERMINATE command to gene-
rate arbitrary burst lengths. Reserved states should not be used,
as unknown operation or incompatibility with future versions
may result. When a READ or WRITE command is issued, a
block of columns equal to the burst length is effectively selected.
All accesses for that burst take place within this block, meaning
that the burst will wrap within the block if a boundary is reached.
The block is uniquely selected by A1-A8 when the burst
length is set to two; by A2-A8 when the burst length is set to
four; and by A3-A8 when the burst length is set to eight.
The remaining(least significant) address bit(s) is (are) used
to select the starting location within the block. Full-page
bursts wrap within the page if the boundary is reached.
Burst Type
The burst type can be set to either Sequential or Interleaved
by using the M3 bit in the Mode register. The ordering of
accesses within a burst is determined by the burst length, the
burst type and the starting column address, as shown in
Table 2. [4.5.6.7.8.9.10.]
Table 1. Mode Register Definition.
CAS Latency
M6-A6
M5-A5
M4-A4
BT
M3-A3
Burst Length
M2-A2
M1-A1
WB
M9-A9
Op Mode
M8-A8
M7-A7
Reserved(Set to ‘0’)
M0-A0
M10-
A10
M11-
A11
M12-
BA0
M13-
BA1
Reserved
Reserved
1 0 1
Reserved
Reserved
1 1 0
8
8
0 1 1
Reserved
Reserved
1 0 0
2
2
0 0 1
4
4
0 1 0
Reserved
Full Page
1 1 1
1
1
0 0 0
M3=1
M3=0
Burst Length
M2 M1 M0
Reserved
1 1 1
Reserved
1 0 1
Reserved
1 1 0
3
0 1 1
Reserved
1 0 0
1
0 0 1
2
0 1 0
Reserved
0 0 0
CAS Latency
M6 M5 M4
Interleaved
1
Sequential
0
Burst Type
M3
Prog. Burst Length
0
Single Mode Access
1
Write Burst Mode
M9
-
Defined
M6-M0
-
0
M7
All other states reserved
-
Standard Operation
0
Operating Mode
M8
Note :
4.
For full-page accesses: y = 512
5.
For a burst length of two, A1-A8 select the block-of-two burst; A0 selects the starting column within the block.
6.
For a burst length of four, A2-A8 select the block-of-four burst; A0-A1 select the starting column within the block.
7.
For a burst length of eight, A3-A8 select the block-of-eight burst; A0-A2 select the starting column within the block.
8.
For a full-page burst, the full row is selected and A0-A8 select the starting column.
9.
Whenever a boundary of the block is reached within a given sequence above, the following access wraps within the block.
10.
For a burst length of one, A0-A8 select the unique column to be accessed,and mode register bit M3 is ignored.


Similar Part No. - CMS4A16LAG

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMS4A16LAG FIDELIX-CMS4A16LAG Datasheet
615Kb / 46P
   128M(8Mx16) Low Power SDRAM
More results

Similar Description - CMS4A16LAG

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMS4A16LAX-75XX FIDELIX-CMS4A16LAX-75XX Datasheet
615Kb / 46P
   128M(8Mx16) Low Power SDRAM
logo
Hynix Semiconductor
HY5DU281622ETP-25 HYNIX-HY5DU281622ETP-25 Datasheet
703Kb / 34P
   128M(8Mx16) gDDR SDRAM
HY5DV281622DTP HYNIX-HY5DV281622DTP Datasheet
1Mb / 28P
   128M(8Mx16) GDDR SDRAM
HY5DU281622ET HYNIX-HY5DU281622ET Datasheet
379Kb / 34P
   128M(8Mx16) GDDR SDRAM
HY5DV281622DT HYNIX-HY5DV281622DT Datasheet
291Kb / 31P
   128M(8Mx16) GDDR SDRAM
logo
Samsung semiconductor
K4S281633D-RL SAMSUNG-K4S281633D-RL Datasheet
71Kb / 10P
   8Mx16 SDRAM 54CSP
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com