Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMP0417AAX-E Datasheet(PDF) 11 Page - FIDELIX

Part # CMP0417AAX-E
Description  256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0417AAX-E Datasheet(HTML) 11 Page - FIDELIX

Back Button CMP0417AAX-E Datasheet HTML 4Page - FIDELIX CMP0417AAX-E Datasheet HTML 5Page - FIDELIX CMP0417AAX-E Datasheet HTML 6Page - FIDELIX CMP0417AAX-E Datasheet HTML 7Page - FIDELIX CMP0417AAX-E Datasheet HTML 8Page - FIDELIX CMP0417AAX-E Datasheet HTML 9Page - FIDELIX CMP0417AAX-E Datasheet HTML 10Page - FIDELIX CMP0417AAX-E Datasheet HTML 11Page - FIDELIX CMP0417AAX-E Datasheet HTML 12Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CMP0417AAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
11
Partial Array Refresh Mode (A3=0, A4=1)
Reduced Memory Size Mode (A3=1, A4=1)
3. Deep Power Down Mode Entry/Exit
4. Address Information
2Mb
128Kbx16
20000h-3FFFFh
1/2
10
1
4Mb
256Kbx16
00000h-3FFFFh
Full
00
X
2Mb
128Kbx16
00000h-1FFFFh
1/2
10
0
Density
Size
Address
Refresh Section
A1,A0
A2
2Mb
128Kbx16
20000h-3FFFFh
1/2
10
1
2Mb
128Kbx16
00000h-1FFFFh
1/2
10
0
Density
Size
Address
Refresh Section
A1,A0
A2
ns
-
0
Chip Deselect to ZZ Low
tCDR
us
-
10
Low Power Mode Time
tZZmin
us
-
200
Operation Recovery Time
tR(Deep Power Down Mode only)
Units
Max
Min
Description
Parameter
tZZmin
vil
tCDR
vih
tR
/ZZ
/CS


Similar Part No. - CMP0417AAX-E

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0417AA0-F70I FIDELIX-CMP0417AA0-F70I Datasheet
192Kb / 10P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA0-I FIDELIX-CMP0417AA0-I Datasheet
192Kb / 10P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-F70I FIDELIX-CMP0417AA8-F70I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - CMP0417AAX-E

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FAMP0417CAX-W70E FIDELIX-FAMP0417CAX-W70E Datasheet
141Kb / 12P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA0-I FIDELIX-CMP0417AA0-I Datasheet
192Kb / 10P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
   8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com