Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAM3108B Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSAM3108B
Description  Audio Processing
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3108B Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSAM3108B Datasheet HTML 7Page - ATMEL Corporation ATSAM3108B Datasheet HTML 8Page - ATMEL Corporation ATSAM3108B Datasheet HTML 9Page - ATMEL Corporation ATSAM3108B Datasheet HTML 10Page - ATMEL Corporation ATSAM3108B Datasheet HTML 11Page - ATMEL Corporation ATSAM3108B Datasheet HTML 12Page - ATMEL Corporation ATSAM3108B Datasheet HTML 13Page - ATMEL Corporation ATSAM3108B Datasheet HTML 14Page - ATMEL Corporation ATSAM3108B Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
6092C–DRMSD–12-Feb-07
ATSAM3108B
9.
Electrical Characteristics
9.1
Absolute Maximum Ratings (*)
9.2
Recommended Operating Conditions
Note:
1. Operation at lower V
C33 values down to VC18 is possible, however external timing may be impaired. Contact Atmel in case of
use of these circuits with VC33 outside the recommended operating range.
Table 8-1.
Package Dimensions in mm
Denomination
Min
Nom
Max
A
1.40
1.50
1.60
A1
0.05
0.10
0.15
A2
1.35
1.40
1.45
L
0.45
0.60
0.75
D
12.00
D1
10.00
E
12.00
E1
10.00
P0.50
B
0.17
0.22
0.27
Ambient Temperature (power applied).............. -40
° C to 85° C
*NOTICE:
Stresses beyond those listed under "Absolute
Maximum Ratings" may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
Recommended Operating Conditions of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods
may affect device reliability.
Storage Temperature ...................................... -65
° C to 150° C
Voltage on any pin
X1, LFT ....................................................... -0.3 to VC18 + 0.3V
Others ......................................................... -0.3 to V
C33 + 0.3V
Supply Voltage..........................................................................
V
C18.................................................................... -0.3V to 1.95V
VC3 .......................................................................-0.3V to 3.6V
Maximum IOL per I/O pin................................................. 4 mA
Table 9-1.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VC18
Supply voltage
1.65
1.8
1.95
V
V
C33
Supply voltage (1)
33.3
VC18 +
1.5
3.6
V
PWRIN
Supply voltage PWRIN pin
1.75
1.9
1.95
V
TA
Operating ambient temperature
0
-
70
°C


Similar Part No. - ATSAM3108B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3103 ATMEL-ATSAM3103 Datasheet
179Kb / 24P
   ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
More results

Similar Description - ATSAM3108B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
   Audio Processing
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
   TV AUDIO PROCESSING CIRCUIT
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
VLSI Solution Oy
VS1005G VLSI-VS1005G Datasheet
2Mb / 118P
   Audio Processing Platform IC
Version: 0.63, 2014-12-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com