Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C32C-TH-B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C32C-TH-B
Description  2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32C-TH-B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C32C-TH-B Datasheet HTML 1Page - ATMEL Corporation AT24C32C-TH-B Datasheet HTML 2Page - ATMEL Corporation AT24C32C-TH-B Datasheet HTML 3Page - ATMEL Corporation AT24C32C-TH-B Datasheet HTML 4Page - ATMEL Corporation AT24C32C-TH-B Datasheet HTML 5Page - ATMEL Corporation AT24C32C-TH-B Datasheet HTML 6Page - ATMEL Corporation AT24C32C-TH-B Datasheet HTML 7Page - ATMEL Corporation AT24C32C-TH-B Datasheet HTML 8Page - ATMEL Corporation AT24C32C-TH-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
(Features
Low-voltage and Standard-voltage Operation
– 1.8 (VCC = 1.8 to 5.5V)
Internally Organized 4096 x 8, 8192 x 8
2-Wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bi-directional Data Transfer Protocol
1 MHz (5.0V) and 400 KHz (1.8V Compatibility)
Write Protect Pin for Hardware Data Protection
32-Byte Page Write Mode (Partial Page Writes Allowed)
Self-Timed Write Cycle (5 ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Lead-free/Halogen-free Devices
8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Lead Frame Land Grid Array (ULA), 8-lead
TSSOP, 8-lead Ultra Thin Mini-MAP (MLP2x3), and 8-ball dBGA2 Packages.
Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers
Description
The AT24C32C/64C provides 32,768/65,536 bits of serial electrically erasable and
programmable read only memory (EEPROM) organized as 4096/8192 words of 8 bits
each. The device’s cascadable feature allows up to 8 devices to share a common 2-
wire bus. The device is optimized for use in many industrial and commercial applica-
tions where low power and low voltage operation are essential. The AT24C32C/64C is
available in space saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Lead Frame
Land Grid Array (ULA), 8-lead TSSOP, 8-lead Ultra Thin Mini-MAP (MLP2x3) and, 8-
ball dBGA2 packages and is accessed via a 2-wire serial interface. In addition, the
entire family is available in 1.8V (1.8 to 5.5V) version.
2-Wire
Serial EEPROM
32K (4096 x 8)
64K (8192 x 8)
AT24C32C
AT24C64C
5298A–SEEPR–1/08
2-Wire, 32K
Serial E2PROM
Pin Configurations
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
8-lead Ultra Thin
Mini-MAP (MLP 2x3)
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
Bottom View
8-lead PDIP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-ball dBGA2
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
Bottom View
8-lead Ultra Lead Frame
Land Grid Array (ULA)
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
Bottom View


Similar Part No. - AT24C32C-TH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
AT24C32C ATMEL-AT24C32C_14 Datasheet
676Kb / 28P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C32C-TH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
logo
AiT Semiconductor Inc.
A24C32 AITSEMI-A24C32 Datasheet
811Kb / 21P
   MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE
REV4.1
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com