Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAM3308B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM3308B Datasheet HTML 1Page - ATMEL Corporation ATSAM3308B Datasheet HTML 2Page - ATMEL Corporation ATSAM3308B Datasheet HTML 3Page - ATMEL Corporation ATSAM3308B Datasheet HTML 4Page - ATMEL Corporation ATSAM3308B Datasheet HTML 5Page - ATMEL Corporation ATSAM3308B Datasheet HTML 6Page - ATMEL Corporation ATSAM3308B Datasheet HTML 7Page - ATMEL Corporation ATSAM3308B Datasheet HTML 8Page - ATMEL Corporation ATSAM3308B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
6090D–DRMSD–12-Feb-07
ATSAM3308B
• 2 x asynchronous bidirectional serial ports
• Synchronous serial slave port (SPI type host connection).
• SPI master bidirectional port for EEPROM or DataFlash connection.
• Firmware controlled I/O pins.
4.
Typical Application Examples
4.1
Host-controlled MP3 + High Quality Wavetable Player
Figure 4-1.
Host-controlled MP3 + High Quality Wavetable Player
• Concurrent MP3 + wavetable
• Legendary Dream
® high quality wavetable sound
• Typical polyphony:
– 56 voices with effects (reverb, chorus, etc.) @48 kHz sampling rate
– MP3 decode + 32 voices with effects @48 kHz sampling rate
• External wavetable ROM/Flash choice from 4 Mbits to 128 Mbits
• Choice of host communication interfaces
– 8-bit parallel
– Asynchronous serial (MIDI)
– Synchronous serial (SPI)
• Built-in Standard Midi file player (SMF) dramatically reduces host load
Compressed Audio
and MidiFile
(from host)
Stereo
Audio In/Out
ATSAM3308B
ROM
DAC
ADC


Similar Part No. - ATSAM3308B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3308 ATMEL-ATSAM3308 Datasheet
171Kb / 24P
   Combined MIDI-Synthesizer and MP3 Decoder
More results

Similar Description - ATSAM3308B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
   Audio Processing
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
   Audio Processing
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
   TV AUDIO PROCESSING CIRCUIT
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
VLSI Solution Oy
VS1005G VLSI-VS1005G Datasheet
2Mb / 118P
   Audio Processing Platform IC
Version: 0.63, 2014-12-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com