Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256BW-SH-B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C256BW-SH-B
Description  Two-wire Serial EEPROM 256K (32,768 x 8)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256BW-SH-B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C256BW-SH-B Datasheet HTML 2Page - ATMEL Corporation AT24C256BW-SH-B Datasheet HTML 3Page - ATMEL Corporation AT24C256BW-SH-B Datasheet HTML 4Page - ATMEL Corporation AT24C256BW-SH-B Datasheet HTML 5Page - ATMEL Corporation AT24C256BW-SH-B Datasheet HTML 6Page - ATMEL Corporation AT24C256BW-SH-B Datasheet HTML 7Page - ATMEL Corporation AT24C256BW-SH-B Datasheet HTML 8Page - ATMEL Corporation AT24C256BW-SH-B Datasheet HTML 9Page - ATMEL Corporation AT24C256BW-SH-B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
5279B–SEEPR–3/08
AT24C256B
4. Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external
device. Data on the SDA pin may change only during SCL low time periods (see Figure 4-1).
Data changes during SCL high periods will indicate a start or stop condition as defined below.
Figure 4-1.
Data Validity
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition that must
precede any other command (see Figure 4-2).
Figure 4-2.
Start and Stop Definition
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a
read sequence, the stop command will place the EEPROM in a standby power mode (see Fig-
ure 4-2).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a “0” during the ninth clock cycle to acknowledge
that it has received each word.
STANDBY MODE: The AT24C256B features a low-power standby mode that is enabled upon
power-up and after the receipt of the stop bit and the completion of any internal operations.
SDA
SCL
DATA STABLE
DATA STABLE
DATA
CHANGE
SDA
SCL
START
STOP


Similar Part No. - AT24C256BW-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256BW-SH-B ATMEL-AT24C256BW-SH-B Datasheet
726Kb / 24P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C256BW-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256C ATMEL-AT24C256C Datasheet
416Kb / 23P
   Two-wire Serial EEPROM 256K (32,768 x 8)
logo
AiT Semiconductor Inc.
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
   MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
logo
ATMEL Corporation
AT24C128SC ATMEL-AT24C128SC Datasheet
261Kb / 13P
   Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
logo
Renesas Technology Corp
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G Datasheet
509Kb / 18P
   Two-wire serial interface 256k EEPROM
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com