Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA88349A Datasheet(PDF) 2 Page - Agamem Microelectronic Inc.

Part # AA88349A
Description  8-BIT DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA88349A Datasheet(HTML) 2 Page - Agamem Microelectronic Inc.

  AA88349A Datasheet HTML 1Page - Agamem Microelectronic Inc. AA88349A Datasheet HTML 2Page - Agamem Microelectronic Inc. AA88349A Datasheet HTML 3Page - Agamem Microelectronic Inc. AA88349A Datasheet HTML 4Page - Agamem Microelectronic Inc. AA88349A Datasheet HTML 5Page - Agamem Microelectronic Inc. AA88349A Datasheet HTML 6Page - Agamem Microelectronic Inc. AA88349A Datasheet HTML 7Page - Agamem Microelectronic Inc. AA88349A Datasheet HTML 8Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Agamem Microelectronics Inc.
AA88349
PRELIMINARY
8-BIT DAC
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/10/31
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
2
■ BLOCK DIAGRAM
CLK
12-bit Shift Register
D0
D1
D2
D3
D4
D5
D6
D8
D9
D10
D11
4-bit Address Decoder
8-bit
Data Latch #8
-- --- -
4
-- -- 6
8
2
1
3
4
7
8
R-2R
D/A Converter #8
8
OP-B
#8
8-bit
Data Latch #8
8
R-2R
D/A Converter #1
8
OP-B
#1
Analog
Block
D7
-- --- --- --- --- ---
-- ---- --- --- --- --- ---
-- ---- --- --- --- --- ---
- --- ---- --- --- --- --- --- --
-- ---- --- --- --- --- ---
DI
(Clock)
(Serial digital Input)
GND
(System Ground)
DO
(Serial digital Ouput)
LD (Strobe)
VCC
(System Power)
AO1
········································
AO3
Analog Output
Digital
Block
■ PIN DESCRIPTIONS
PIN NO.
PIN NAME
PIN FUNCTION
4
VCC
+5V system power supply pin
.
8
GND
System ground pin
6
CLK
Serial clock input pin. At its rising edge, DI data shift into the
Shift-Register.
5
LD
Data Strobe pin. When it’s on high, upper 4-bit and lower 8-bit of
the 12-bit in the Shift-Register be latched into the Address
Decoder and the Data-Latch, respectively


Similar Part No. - AA88349A

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA88347A AGAMEM-AA88347A Datasheet
52Kb / 1P
   8-BIT DAC
AA88347AP AGAMEM-AA88347AP Datasheet
95Kb / 10P
   8-BIT DAC
AA88347L AGAMEM-AA88347L Datasheet
199Kb / 10P
   8-BIT DAC
AA88348 AGAMEM-AA88348 Datasheet
52Kb / 1P
   8-BIT DAC
AA88348AP AGAMEM-AA88348AP Datasheet
95Kb / 10P
   8-BIT DAC
More results

Similar Description - AA88349A

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA88347L AGAMEM-AA88347L Datasheet
199Kb / 10P
   8-BIT DAC
AA88348 AGAMEM-AA88348 Datasheet
52Kb / 1P
   8-BIT DAC
logo
A1 PROs co., Ltd.
AI88347 A1PROS-AI88347 Datasheet
277Kb / 12P
   8-BIT DAC
logo
Agamem Microelectronic ...
AA88347AP AGAMEM-AA88347AP Datasheet
95Kb / 10P
   8-BIT DAC
AA88347A AGAMEM-AA88347A Datasheet
52Kb / 1P
   8-BIT DAC
AA88348AP AGAMEM-AA88348AP Datasheet
95Kb / 10P
   8-BIT DAC
logo
Samsung semiconductor
AL1213A SAMSUNG-AL1213A Datasheet
91Kb / 12P
   8-BIT 0.5MSPS DAC
logo
List of Unclassifed Man...
USC1841 ETC-USC1841 Datasheet
4Mb / 6P
   QUAD 8 BIT DAC
logo
Analog Devices
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
logo
Maxim Integrated Produc...
MAX5018 MAXIM-MAX5018 Datasheet
142Kb / 12P
   8-Bit, High-Speed DAC
Rev 0; 3/97
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com