Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA87223AP Datasheet(PDF) 3 Page - Agamem Microelectronic Inc.

Part # AA87223AP
Description  CCD VERTICAL DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA87223AP Datasheet(HTML) 3 Page - Agamem Microelectronic Inc.

  AA87223AP Datasheet HTML 1Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 2Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 3Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 4Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 5Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 6Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 7Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 8Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 9Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2006/7/5
3
Agamem Microelectronics Inc.
AA87223AP
___________________________________________________________
PRELIMINARY
CCD VERTICAL DRIVER
ABSOLUTE MAXIMUM RATINGS (See NOTE)
Rating
Parameter
Symbol
MIN
TYP
MAX
UNIT
VEE
-10
0
V
Supply Voltage
VHH
-0.3
VEE+30
V
Input Voltage
VI
-0.3
VHH+0.3
V
OV1, OV3, VSUB VEE-0.3
VHH+0.3
V
Output Voltage
OV2, OV4
VEE-0.3
VME+0.3
V
Voltage-Amplifier
Output Current
Idcout
-5
5
mA
Operating Ambient
Temperature
Ta
-25
85
Storage Temperature
Ts
-45
125
NOTE: Stress above those listed under “Absolute Maximum Rating” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operational section of this specification is not
implied. Exposure to absolute maximum rating conditions for the extended periods of time
may affect device reliability.
LOGIC TRUTH TABLE
INPUT
OUTPUT
XV1, 3
XSG1, 3
XV2, 4
XSUB
OV1, 3
OV2, 4
VSUB
L
L
X
X
VHH
X
X
H
L
X
X
Z
X
X
L
H
X
X
VME
X
X
H
H
X
X
VEE
X
X
X
X
L
X
X
VME
X
X
X
H
X
X
VEE
X
X
X
X
L
X
X
VHH
X
X
X
H
X
X
VEE


Similar Part No. - AA87223AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
   CCD VERTICAL DRIVER
More results

Similar Description - AA87223AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
   CCD VERTICAL DRIVER
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
   CCD VERTICAL DRIVER
AA87221 AGAMEM-AA87221 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222 AGAMEM-AA87222 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222AP AGAMEM-AA87222AP Datasheet
160Kb / 9P
   CCD VERTICAL DRIVER
logo
Holtek Semiconductor In...
HT82V804 HOLTEK-HT82V804 Datasheet
95Kb / 9P
   CCD 4CH Vertical Driver
logo
Sony Corporation
CXD1268M SONY-CXD1268M Datasheet
112Kb / 7P
   CCD Vertical Clock Driver
logo
Samsung semiconductor
KS7221D SAMSUNG-KS7221D Datasheet
110Kb / 7P
   VERTICAL DRIVER FOR CCD
logo
Sony Corporation
CXD1267AN SONY-CXD1267AN Datasheet
124Kb / 8P
   CCD Vertical Clock Driver
logo
NEC
UPD16520A NEC-UPD16520A Datasheet
210Kb / 19P
   VERTICAL DRIVER FOR CCD SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com