Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24HC04B-W-11 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT24HC04B-W-11
Description  Two-wire Serial EEPROM 4K (512 x 8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC04B-W-11 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT24HC04B-W-11 Datasheet HTML 4Page - ATMEL Corporation AT24HC04B-W-11 Datasheet HTML 5Page - ATMEL Corporation AT24HC04B-W-11 Datasheet HTML 6Page - ATMEL Corporation AT24HC04B-W-11 Datasheet HTML 7Page - ATMEL Corporation AT24HC04B-W-11 Datasheet HTML 8Page - ATMEL Corporation AT24HC04B-W-11 Datasheet HTML 9Page - ATMEL Corporation AT24HC04B-W-11 Datasheet HTML 10Page - ATMEL Corporation AT24HC04B-W-11 Datasheet HTML 11Page - ATMEL Corporation AT24HC04B-W-11 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
5227E–SEEPR–11/08
AT24HC04B
Figure 3-6.
Output Acknowledge
4.
Device Addressing and Page Addressing
The 4K EEPROM device requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation, as shown in Figure 4-1.
Figure 4-1.
Device Address
The device address word consists of a mandatory “1”, “0” sequence for the first four most signif-
icant bits as shown. This is common to all the EEPROM devices.
The next two bits are the A2 and A1 device address bits for the 4K EEPROM. These two bits
must compare to their corresponding hardwired input pins. The A0 pin is a no-connect.
The next bit is the memory page address bit. This bit is the MSB of the 9-bit data word address.
The eighth bit of the device address is the read/write operation select bit. A read operation is ini-
tiated if this bit is high, and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is not made,
the chip will return to a standby state.
SCL
DATA IN
DATA OUT
START
ACKNOWLEDGE
9
8
1
MSB
4K
LSB
1
A2
P0
A1
R/W
0
0
1


Similar Part No. - AT24HC04B-W-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
More results

Similar Description - AT24HC04B-W-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
Renesas Technology Corp
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I_15 Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
R1EX24004ASAS0G RENESAS-R1EX24004ASAS0G_15 Datasheet
498Kb / 18P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I Datasheet
182Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I_15 Datasheet
250Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A_15 Datasheet
402Kb / 26P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
Sanyo Semicon Device
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L043CB SANYO-LE24L043CB Datasheet
182Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com