Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C08BN-SH-B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C08BN-SH-B
Description  Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08BN-SH-B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C08BN-SH-B Datasheet HTML 1Page - ATMEL Corporation AT24C08BN-SH-B Datasheet HTML 2Page - ATMEL Corporation AT24C08BN-SH-B Datasheet HTML 3Page - ATMEL Corporation AT24C08BN-SH-B Datasheet HTML 4Page - ATMEL Corporation AT24C08BN-SH-B Datasheet HTML 5Page - ATMEL Corporation AT24C08BN-SH-B Datasheet HTML 6Page - ATMEL Corporation AT24C08BN-SH-B Datasheet HTML 7Page - ATMEL Corporation AT24C08BN-SH-B Datasheet HTML 8Page - ATMEL Corporation AT24C08BN-SH-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
5226D–SEEPR–7/08
AT24C04B/08B
Figure 0-1.
Block Diagram
Absolute Maximum Ratings
Operating Temperature..................................–55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature .....................................–65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .................................... –1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA
START
STOP
LOGIC
VCC
GND
WP
SCL
SDA
A
2
A
1
A
0
SERIAL
CONTROL
LOGIC
EN
H.V. PUMP/TIMING
EEPROM
DATA RECOVERY
SERIAL MUX
D
OUT/ACK
LOGIC
COMP
LOAD
INC
DATA WORD
ADDR/COUNTER
Y DEC
R/W
D
OUT
D
IN
LOAD
DEVICE
ADDRESS
COMPARATOR


Similar Part No. - AT24C08BN-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08BN-SP25-B ATMEL-AT24C08BN-SP25-B Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C08BN-SP25-T ATMEL-AT24C08BN-SP25-T Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
More results

Similar Description - AT24C08BN-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
logo
Renesas Technology Corp
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I_15 Datasheet
296Kb / 17P
   Two-wire serial interface 8k EEPROM (1024-word x 8-bit)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
ATMEL Corporation
AT24C08C-SSHM-T ATMEL-AT24C08C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C04C-SSHM-T ATMEL-AT24C04C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
logo
Microchip Technology
28C04A MICROCHIP-28C04A_04 Datasheet
127Kb / 10P
   4K (512 x 8) CMOS EEPROM
2004
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
Microchip Technology
28C04A MICROCHIP-28C04A Datasheet
59Kb / 8P
   4K (512 x 8) CMOS EEPROM
1996
logo
Renesas Technology Corp
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I_15 Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com