Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2011TRSAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2011TRSAT
Description  MIXED SIGNAL MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2011TRSAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430F2011TRSAT Datasheet HTML 3Page - Texas Instruments MSP430F2011TRSAT Datasheet HTML 4Page - Texas Instruments MSP430F2011TRSAT Datasheet HTML 5Page - Texas Instruments MSP430F2011TRSAT Datasheet HTML 6Page - Texas Instruments MSP430F2011TRSAT Datasheet HTML 7Page - Texas Instruments MSP430F2011TRSAT Datasheet HTML 8Page - Texas Instruments MSP430F2011TRSAT Datasheet HTML 9Page - Texas Instruments MSP430F2011TRSAT Datasheet HTML 10Page - Texas Instruments MSP430F2011TRSAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions, MSP430x20x1
TERMINAL
NAME
PW or N
RSA
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
P1.0/TACLK/ACLK/CA0
2
1
I/O
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
ACLK signal ouput
Comparator_A+, CA0 input
P1.1/TA0/CA1
3
2
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0A input, compare: Out0 output
Comparator_A+, CA1 input
P1.2/TA1/CA2
4
3
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1A input, compare: Out1 output
Comparator_A+, CA2 input
P1.3/CAOUT/CA3
5
4
I/O
General-purpose digital I/O pin
Comparator_A+, output / CA3 input
P1.4/SMCLK/C4/TCK
6
5
I/O
General-purpose digital I/O pin
SMCLK signal output
Comparator_A+, CA4 input
JTAG test clock, input terminal for device programming and test
P1.5/TA0/CA5/TMS
7
6
I/O
General-purpose digital I/O pin
Timer_A, compare: Out0 output
Comparator_A+, CA5 input
JTAG test mode select, input terminal for device programming and test
P1.6/TA1/CA6/TDI/TCLK
8
7
I/O
General-purpose digital I/O pin
Timer_A, compare: Out1 output
Comparator_A+, CA6 input
JTAG test data input or test clock input during programming and test
P1.7/CAOUT/CA7/TDO/TDI
9
8
I/O
General-purpose digital I/O pin
Comparator_A+, output / CA7 input
JTAG test data output terminal or test data input during programming and
test
XIN/P2.6/TA1
13
12
I/O
Input terminal of crystal oscillator
General-purpose digital I/O pin
Timer_A, compare: Out1 output
XOUT/P2.7
12
11
I/O
Output terminal of crystal oscillator
General-purpose digital I/O pin
RST/NMI/SBWTDIO
10
9
I
Reset or nonmaskable interrupt input
Spy-Bi-Wire test data input/output during programming and test
TEST/SBWTCK
11
10
I
Selects test mode for JTAG pins on Port1. The device protection fuse is
connected to TEST.
Spy-Bi-Wire test clock input during programming and test
VCC
1
16
Supply voltage
VSS
14
14
Ground reference
NC
NA
13, 15
Not connected
QFN Pad
NA
Package
Pad
NA
QFN package pad connection to VSS recommended.
TDO or TDI is selected via JTAG instruction.
NOTE: If XOUT/P2.7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver connection
to this pad after reset.


Similar Part No. - MSP430F2011TRSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2011TRSAT TI-MSP430F2011TRSAT Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2011TRSAT TI1-MSP430F2011TRSAT Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2011TRSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com