Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA18380 Datasheet(PDF) 1 Page - Agamem Microelectronic Inc.

Part # AA18380
Description  Switching Regulator Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA18380 Datasheet(HTML) 1 Page - Agamem Microelectronic Inc.

  AA18380 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA18380 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA18380 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA18380 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA18380 Datasheet HTML 5Page - Agamem Microelectronic Inc. AA18380 Datasheet HTML 6Page - Agamem Microelectronic Inc. AA18380 Datasheet HTML 7Page - Agamem Microelectronic Inc. AA18380 Datasheet HTML 8Page - Agamem Microelectronic Inc. AA18380 Datasheet HTML 9Page - Agamem Microelectronic Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Agamem Microelectronics Inc.
AA18380
PRELIMINARY
Switching Regulator Controller
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2007/1/15
1
■OVERVIEW
The AA18380 is a single-channel PWM DC-DC regulator control IC that supports low-voltage operation. This
IC features a low minimum operating voltage of 1.8 V and low current consumption, is optimal for use in
high-efficiency power supplies for portable electronic equipment.
■FEATURES
• Wide operating supply voltage range: 1.8 V to 15 V
• Stable reference voltage circuit: 1.25V.
• Low current consumption: Typically 5.5 mA in operation, 1 µA or less in stand-by
• Wide PWM output frequency range: 10 kHz to 1 MHz
• Incorporates a soft start circuit and adjustable soft start time.
• Timer latch short-circuit protection circuit (SCP).
• Low input voltage malfunction prevention circuit (U.V.L.O.)
• On/off control function
• Totem-pole type output by using an external resistor to set the output current (for NPN transistors)
■PIN Configuration
(TOP VIEW)
IN- 1
8FB
SCP 2
7 OSC
VCC 3
6 GND
BR/CTL 4
5 OUT
■APPLICATIONS
• LCD Displays
• PDAs
• Digital Still Cameras
• Hand-held and portable instruments


Similar Part No. - AA18380

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA18375AP AGAMEM-AA18375AP Datasheet
735Kb / 14P
   Switching Regulator Controller
More results

Similar Description - AA18380

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com