Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA6081 Datasheet(PDF) 5 Page - Agamem Microelectronic Inc.

Part # AA6081
Description  Precision CMOS Single Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA6081 Datasheet(HTML) 5 Page - Agamem Microelectronic Inc.

  AA6081 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA6081 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA6081 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA6081 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA6081 Datasheet HTML 5Page - Agamem Microelectronic Inc. AA6081 Datasheet HTML 6Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2008/1/4
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT
FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR
CIRCUIT DESRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE
RIGHTS OF OTHERS.
5
Agamem Microelectronics Inc.
AA6081
PRELIMINARY
Precision CMOS Single Operational Amplifier
TSSOP-8 – AA6081A – PACKAGE DIMENSION
SYMBOLS
DIMENSIONS IN MILLIMETERS DIMENSIONS IN INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
- - -
- - -
1.20
- - -
- - -
0.048
A1
0.05
- - -
0.15
0.002
- - -
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
- - -
0.30
0.007
- - -
0.012
C
0.09
- - -
0.20
0.004
- - -
0.008
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
- - -
0.65
- - -
- - -
0.026
- - -
L
0.45
0.60
0.75
0.018
0.024
0.030
y
- - -
- - -
0.10
- - -
- - -
0.004
θ
0
˚
- - -
8
˚
0
˚
- - -
8
˚
NOTES:
1.
Package body sizes exclude
mold flash protrusions or gate
burrs.
2.
Tolerance
± 0.1 ㎜ (4 mil)
unless otherwise specified
3.
Coplanarity:0.1 mm
4.
Controlling dimension is
millimeter converted inch
dimensions are not necessarily
exact.
5.
Followed from JEDEC
MO-153.


Similar Part No. - AA6081

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AA60-10050A TOSHIBA-AA60-10050A Datasheet
5Mb / 70P
   COLOUR TELEVISION
AA60-10050V TOSHIBA-AA60-10050V Datasheet
5Mb / 70P
   COLOUR TELEVISION
AA60-30001A TOSHIBA-AA60-30001A Datasheet
5Mb / 70P
   COLOUR TELEVISION
AA60-40006A TOSHIBA-AA60-40006A Datasheet
5Mb / 70P
   COLOUR TELEVISION
AA60-40011A TOSHIBA-AA60-40011A Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - AA6081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
logo
Texas Instruments
LMC6081 TI1-LMC6081 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6081 Precision CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
[Old version datasheet]   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com