Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4624EVB-SO Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4624EVB-SO
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624EVB-SO Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4624EVB-SO Datasheet HTML 2Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 3Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 4Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 5Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 6Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 7Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 8Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 9Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4624
Operation
Typical Performance Characteristics
Typical Performance Characteristics
Figure 3. Shutdown by V
IN@0A
Figure 4. Shutdown by V
IN@4A
Figure 5. Transient Response@ 0 to 4A
Figure 6. Ripple and Stability@4A
Figure 1. Start Up by V
IN@0A
Figure 2. Start Up by V
IN@4A
Circuit condition: Application circuit#1, 5V
IN, 1VOUT
Vin
Vout
Start up by Vin
Test condition: 5Vin, 1Vo, Io=0A
PGOOD
SS
V
IN
SS
V
OUT
PGOOD
5V/DIV
5V/DIV
5V/DIV
0.5V/DIV
10ms/DIV
5V/DIV
5V/DIV
0.5V/DIV
5V/DIV
Vin
Vout
Start up by Vin
Test condition: 5Vin, 1Vo, Io=0A
PGOOD
SS
V
IN
SS
V
OUT
PGOOD
10ms/DIV
Vin
Vout
Shutdown by Vin
Test condition: 5Vin, 1Vo, Io=0A
PGOOD
SS
5V/DIV
5V/DIV
5V/DIV
0.5V/DIV
V
IN
SS
V
OUT
PGOOD
5ms/DIV
Vin
Vout
Shutdown by Vin
Test condition: 5Vin, 1Vo, Io=4A
PGOOD
SS
5V/DIV
5V/DIV
5V/DIV
0.5V/DIV
V
IN
SS
V
OUT
PGOOD
1ms/DIV
Transient response
Test condition: 5Vin, 1Vo, Io=0 to 4A
R=F=2.5A/us,T1=T2=0.1ms
Io
Vout
Vout
IOUT
V
OUT
l
OUT
2A/DIV
50mV/DIV
20us/DIV
V
OUT
V
PHASE
20mV/DIV
2.0V/DIV
Stability and Ripple
Vphase
Vout
Test condition: 5Vin, 1Vo, Io=4A,
(Operating stably)
1us/DIV


Similar Part No. - SC4624EVB-SO

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624EVB-SO SEMTECH-SC4624EVB-SO Datasheet
849Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
More results

Similar Description - SC4624EVB-SO

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624 SEMTECH-SC4624 Datasheet
849Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624A SEMTECH-SC4624A Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620_08 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
logo
Global Mixed-mode Techn...
G5759 GMT-G5759 Datasheet
94Kb / 1P
   400kHz 4A Synchronous Step-down DC/DC
logo
Linear Technology
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Maxim Integrated Produc...
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
   4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com