Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4624A Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4624A
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624A Datasheet(HTML) 4 Page - Semtech Corporation

  SC4624A Datasheet HTML 1Page - Semtech Corporation SC4624A Datasheet HTML 2Page - Semtech Corporation SC4624A Datasheet HTML 3Page - Semtech Corporation SC4624A Datasheet HTML 4Page - Semtech Corporation SC4624A Datasheet HTML 5Page - Semtech Corporation SC4624A Datasheet HTML 6Page - Semtech Corporation SC4624A Datasheet HTML 7Page - Semtech Corporation SC4624A Datasheet HTML 8Page - Semtech Corporation SC4624A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4624A
Electrical Characteristics (Cont.)
Unless otherwise specified, V
IN= VCC=SYNC/EN=3.3V, ROSC=51.1KΩ, RISET=27.4KΩ, TA = -40°C to 85°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Thermal Shutdown
Thermal Shutdown Trip Point
T
OTP
Temperature Rising
160
°C
Thermal Shutdown Hysteresis
T
OTP_HYS
10
°C
Synchronization, Enable Input
SYNC/EN Threshold
V
ENL
Logic Low
0.8
V
V
ENH
Logic High
2.0
V
Frequency Range, SYNC
F
SYNC
20% Higher than F
OSC
200
2000
kHz
Oscillator
Osciilator Frequency Range
F
OSC
200
2000
kHz
Osciilator Frequency Accuracy
R
OSC= 51.1KΩ
415
500
585
kHz
R
OSC=51.1KΩ, TA=TJ=25°C
435
500
565
kHz
Ramp Peak to Valley(1)
V
PV
1.0
V
Ramp Peak Voltage(1)
V
P
1.25
V
Ramp Valley Voltage(1)
V
V
0.25
V
Soft Start, Current Limit
Soft-Start Charge Current
I
SS
4
µA
ISET Bias Voltage
V
ISET
R
ISET = 27.4KΩ
0.45
0.55
0.61
V
Over Current Trip
I
IST
R
ISIT = 57.6KΩ
1.9
2.55
3.1
A
Output UVLO
V
OUV
VFB drop
0.3
V
Hiccup period(1)
T
OCHP
131072
clks
Error Amplifier
Error Amplifier Open Loop
Voltage Gain (1)
100
dB
Error Amplifier Unity Gain Bandwidth(1)
10
MHz
Output Voltage Slew Rate, COMP(1)
4
V/µs
Source Output Current, COMP
FB = 0.4V
20
mA
Sink Output Current, COMP
FB = 0.6V
25
mA
Output Voltage High, COMP
FB = 0.4V, I
COMP = -1mA
2.5
V


Similar Part No. - SC4624A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624 SEMTECH-SC4624 Datasheet
849Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624 SEMTECH-SC4624 Datasheet
846Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624EVB-MLPQ SEMTECH-SC4624EVB-MLPQ Datasheet
849Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624EVB-MLPQ SEMTECH-SC4624EVB-MLPQ Datasheet
846Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624EVB-SO SEMTECH-SC4624EVB-SO Datasheet
849Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
More results

Similar Description - SC4624A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624 SEMTECH-SC4624 Datasheet
849Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624 SEMTECH-SC4624_08 Datasheet
846Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620_08 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
logo
Global Mixed-mode Techn...
G5759 GMT-G5759 Datasheet
94Kb / 1P
   400kHz 4A Synchronous Step-down DC/DC
logo
Linear Technology
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Maxim Integrated Produc...
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
   4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com