Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4505EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4505EVB
Description  High Efficiency Boost Converter for Backlight/Flash LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4505EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4505EVB Datasheet HTML 4Page - Semtech Corporation SC4505EVB Datasheet HTML 5Page - Semtech Corporation SC4505EVB Datasheet HTML 6Page - Semtech Corporation SC4505EVB Datasheet HTML 7Page - Semtech Corporation SC4505EVB Datasheet HTML 8Page - Semtech Corporation SC4505EVB Datasheet HTML 9Page - Semtech Corporation SC4505EVB Datasheet HTML 10Page - Semtech Corporation SC4505EVB Datasheet HTML 11Page - Semtech Corporation SC4505EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
 2007 Semtech Corp.
www.semtech.com
SC4505
POWER MANAGEMENT
1.5A
2
1
81%
S
µ
1
H
µ
1.5
2.7V
0.8A
I
PK
=
×
×
×


+
=
When using tiny inductors for size-sensitive applications,
only a few limited selections are available that fulfill this
need, and all are within the low
µH range of inductance.
We select a Coiltronics 1.5
µH SD3114 series, presently
the only 3mmx3mmx1.5mm inductor that can provide
the required current in the microminiature size required
in space-constrained applications.
Table 4 shows a list of several low profile inductor
manufacturers. Please consult the manufacturers for
detailed information on their entire selection of power
inductors.
Output Capacitor Selection
The next task in SC4505 design is targeting the proper
amount of ripple voltage due to the constant-current LED
loads. The two error amplifiers that control the PWM
converter sense the delta between requested current
and actual current in each output current regulator. On
a cycle-by-cycle basis, a small amount of output ripple
ensures good sensing and tight regulation, while the
output current regulators keep each LED current at a
fixed value. Overall, this allows usage of small output
caps while ensuring precision LED current regulation.
Although the mechanics of regulation and frequency
dependence may be complex, actual selection of output
capacitor can be simplified to two boundary conditions,
minimum output current and maximum output current.
Output capacitor is chosen to keep ripple voltage
between 10mV & 200mV under all loads.
Design example for Backlight=20mA, Flashlight=100mA:
Minimum Load Current: 20mA (Backlight Only)
Maximum Load Current: 120mA (Backlight and Flash)
All other cases (Torch mode only, Flash mode only,
Backlight and Torch) fall within these two boundary
conditions, so they are automatically satisfied by the
selected output capacitor.
Since the load is a constant current, the capacitor
equation
=
T
V
C
I
can be solved for the output
ripple.
At 1MHz switching frequency and with the assumption
of the worse case analysis (D=0), an even simpler
relationship can be applied:
where C
OUT is in µF.
For worse case analysis, We see that our typical case of
20mA, 120mA can be immediately converted into its
corresponding ripple relationships of:
∆V
OUTMIN = 20mV/COUT
where C
OUT is in µF.
∆V
OUTMAX = 120mV/COUT
where C
OUT is in µF.
For the example, if 1
µF output capacitor were used, the
20mV/120mV boundary conditions are well within the
suggested guidelines.
Recommended ceramic capacitor manufacturers are
listed in Table 5.
Applications Information
Table 4. Recommended Inductors
D)
-
1
S
µ
1
C
I
V
T
OU
OUT
OUT
(
×
×
=
S
µ
1
C
I
V
T
OU
OUT
OUT
×
=
PART
L
(
µH)
MAX
DCR
(Ω)
MAX
HEIGHT
(mm)
VENDOR
SD3112-1R0
SD3114-1R5
SD3114-4R7
1.0
1.5
4.7
0.069
0.057
0.147
1.2
1.45
1.45
Coiltronics
www.cooperet.com
LQH3C4R7M24
LQH3C100M24
4.7
10
0.260
0.300
2.2
2.2
Murata
www.murada.com
LB2016B4R7
LB2016B100
4.7
6.8
0.250
0.350
1.6
1.6
Taiyo Yuden
www.t-yuden.com
CMD4D06-4R7
CLQ4D10-4R7
CLQ4D10-6R8
4.7
4.7
6.8
0.216
0.162
0.195
0.8
1.2
1.2
Sumida
www.sumida.com
IHLP2525CZ1R5
1.5
3.3
4.7
0.014
0.028
0.037
3.0
Vishay
www.vishay.com
IHLP2525CZ3R3
IHLP2525CZ4R7
3.0
3.0


Similar Part No. - SC4505EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505EVB SEMTECH-SC4505EVB Datasheet
368Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
More results

Similar Description - SC4505EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
[Old version datasheet]   High-Efficiency LED Backlight Driver For Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com