Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC908EVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC908EVB
Description  Power Management IC for Single-Cell Li-Ion Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC908EVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC908EVB Datasheet HTML 1Page - Semtech Corporation SC908EVB Datasheet HTML 2Page - Semtech Corporation SC908EVB Datasheet HTML 3Page - Semtech Corporation SC908EVB Datasheet HTML 4Page - Semtech Corporation SC908EVB Datasheet HTML 5Page - Semtech Corporation SC908EVB Datasheet HTML 6Page - Semtech Corporation SC908EVB Datasheet HTML 7Page - Semtech Corporation SC908EVB Datasheet HTML 8Page - Semtech Corporation SC908EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SC908
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Core Functions (Excluding Charger)
Core Circuits Quiescent
Current (4)
I
Q-Core
V
VAD
= V
SEN
= 0V,
V
LEN
= V
BAT
= 4.2V
100
μA
VREF Reference Voltage
V
VREF
0.75
V
VREF Power Supply Rejection
PSRR
REF
V
BAT
= 3.7V with 0.5V
P-to-P
ripple,
f ≤ 10kHz, C
VREF
= 10nF
70
dB
VREF Reference Voltage Start-Up
Time (5, 10)
t
SU_REF
Delay from first of SEN high
LEN high, V
BAT
= 3.7V
C
VREF
= 10nF
VREF from 0V to 95% of final
0.4
ms
DC-DC Buck Converter
Buck Converter Input Voltage
V
SVIN
BAT pin is also the switching regulator
supply input
V
BAT
V
Buck Converter Under-Voltage
Lockout Rising Threshold
VT
SUVLO-R
2.8
V
Buck Converter Under-Voltage
Lockout Falling Threshold
VT
SUVLO-F
2.55
V
Buck Converter Under-Voltage
Lockout Hysteresis
VT
SUVLO-HYS
84
mV
Buck Converter Quiescent
Current (2)
I
BAT-Q
V
SEN
= V
BAT
, I
SVOUT
= 10mA
Low I
Q
mode of P
SAVE
115
μA
Buck Converter Minimum
On-Time
t
SON_MIN
60
ns
Buck Converter Maximum
Duty Cycle (10)
SDC
MAX
92
%
Buck Converter Program Output
Voltage Minimum (6,10)
V
SVOUT_MIN
1V
Buck Converter Program Output
Voltage Maximum(6,7,8,10)
V
SVOUT_MAX
V
BAT
≥ V
SVOUT_MAX
/SDC
MAX
+150mV
3
V
Buck Converter Feedback
Regulation Voltage
V
SFB
0.480
0.500
0.520
V
Buck Converter Output Voltage(6)
V
SVOUT
V
BAT
= 3.7V, L = 4.7μH
I
SVOUT
= 100mA
R
S1
= 340kΩ, R
S2
= 100kΩ
2.2
V
Buck Converter
Line Regulation(6)
V
SVOUT_LINE
2.8V ≤ V
BAT
≤ 4.5V
I
SVOUT
= 100mA
R
S1
= 340kΩ, R
S2
= 100kΩ
-0.3
0.3
%/V
Buck Converter
Load Regulation (6)
V
SVOUT_LOAD
5mA ≤ I
SVOUT
≤ 150mA
V
BAT
= 3.7V
R
S1
= 340kΩ, R
S2
= 100kΩ
0.002
%/mA


Similar Part No. - SC908EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC900 SEMTECH-SC900 Datasheet
414Kb / 23P
   Programmable Penta ULDO with RESET and I2C Interface
logo
Switchcraft, Inc.
SC900 SWITCH-SC900 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Freescale Semiconductor...
SC900844JVK FREESCALE-SC900844JVK Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Semtech Corporation
SC900A SEMTECH-SC900A Datasheet
446Kb / 23P
   Programmable Penta ULDO with RESET and I2C Interface
SC900AEVB SEMTECH-SC900AEVB Datasheet
446Kb / 23P
   Programmable Penta ULDO with RESET and I2C Interface
More results

Similar Description - SC908EVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
BCD Semiconductor Manuf...
AUR9807 BCDSEMI-AUR9807 Datasheet
1Mb / 24P
   Single-cell Li-Ion Charger IC with System Power Management
logo
Texas Instruments
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com