Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC802 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC802 Datasheet HTML 3Page - Semtech Corporation SC802 Datasheet HTML 4Page - Semtech Corporation SC802 Datasheet HTML 5Page - Semtech Corporation SC802 Datasheet HTML 6Page - Semtech Corporation SC802 Datasheet HTML 7Page - Semtech Corporation SC802 Datasheet HTML 8Page - Semtech Corporation SC802 Datasheet HTML 9Page - Semtech Corporation SC802 Datasheet HTML 10Page - Semtech Corporation SC802 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
7
Pin Descriptions
Pin #
Pin Name
Pin Function
1
BSEN
Battery voltage sense pin — Connect to battery terminal to Kelvin sense battery voltage, to a
resistor divider network for adjustable output voltage, or to VOUT otherwise. Do not leave this pin
floating.
2
VPRGM
Selectable voltage program pin — Logic low = 4.1V; Logic high = 4.2V; Resistor = adjustable.
3
IPRGM
Charger current program pin in fast-charge mode — Requires a resistor to ground to program
fast-charge current.
4
ITERM
Selection for current termination and pre-charge current — Requires a resistor to ground to pro-
gram pre-charge and termination current.
5
REFGND
Reference ground — Allows Kelvin connection to battery negative terminal.
6
GND
Ground
7
EN_NTC
Combined device enable/disable and NTC input pin — Logic high enables device; logic low dis-
ables device. Analog voltages between 0.3×V
VCC
and 0.75×V
VCC
enable the NTC function.
8
BIPB
Battery In Place Bar (BIPB) — selects Charge/LDO mode. BIPB = Low selects charge mode.
BIPB = High selects LDO mode which disables Pre-Charge and timer functions
9
AFC
Analog fast-charge setting — Connect to DAC for analog control of fast-charge current value.
Connect to VCC to disable AFC. Do not leave open.
10
CHRGB
Open drain charger status pin — The output is active low when the charger is on and I
VOUT
> I
TERM
.
The CHRGB output switches to high impedance when I
VOUT
< I
TERM
. This pin can sink 10mA.
11
CPB
Open Drain Charger present indicator — The output is active low when the V
VCC
exceeds VT
UVLOR
.
This pin can sink 10mA.
12
RTIME
Programmable timer input pin — Connect to VCC to select the internal time-out of 3hrs. Connect
an external resistor to ground to program the timeout period. Connect to ground to disable the
timer.
13
VCC1
Supply pin — Connect to adaptor power and to VCC2. (1)
14
VCC2
Supply pin — Connect to adaptor power and to VCC1. (1)
15
VOUT1
Charger output — Connect to battery and to VOUT2. (2)
16
VOUT2
Charger output — Connect to battery and to VOUT1. (2)
T
Thermal Pad
Pad is for heatsinking purposes — The thermal pad is not connected internally. Connect exposed
pad to ground plane using multiple vias.
Notes:
(1)
VCC1 and VCC2 must be connected. VCC1 and VCC2 will be referred to collectively as VCC. All references to V
VCC
and I
VCC
refer to the common
node voltage and total current of VCC1 and VCC2.
(2)
VOUT1 and VOUT2 must be connected. VOUT1 and VOUT2 will be referred to collectively as VOUT. All references to V
VOUT
and I
VOUT
refer to the
common node voltage and total current of VOUT1 and VOUT2.


Similar Part No. - SC802

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Fuji Electric
SC802-04 FUJI-SC802-04 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04 Datasheet
61Kb / 3P
   SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04_01 Datasheet
61Kb / 3P
   SCHOTTKY BARRIER DIODE
SC802-06 FUJI-SC802-06 Datasheet
87Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SC802

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
   Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
   Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
   Lithium-ion Battery Charger Controller IC with Timer
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com