Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C46DY6-YH-T Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT93C46DY6-YH-T
Description  Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46DY6-YH-T Datasheet(HTML) 3 Page - ATMEL Corporation

  AT93C46DY6-YH-T Datasheet HTML 1Page - ATMEL Corporation AT93C46DY6-YH-T Datasheet HTML 2Page - ATMEL Corporation AT93C46DY6-YH-T Datasheet HTML 3Page - ATMEL Corporation AT93C46DY6-YH-T Datasheet HTML 4Page - ATMEL Corporation AT93C46DY6-YH-T Datasheet HTML 5Page - ATMEL Corporation AT93C46DY6-YH-T Datasheet HTML 6Page - ATMEL Corporation AT93C46DY6-YH-T Datasheet HTML 7Page - ATMEL Corporation AT93C46DY6-YH-T Datasheet HTML 8Page - ATMEL Corporation AT93C46DY6-YH-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
5193F–SEEPR–1/08
AT93C46D
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL min and VIH max are reference only and are not tested.
Table 1-1.
Pin Capacitance(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +1.8V (unless otherwise noted)
Symbol
Test Conditions
Max
Units
Conditions
COUT
Output Capacitance (DO)
5
pF
VOUT = 0V
C
IN
Input Capacitance (CS, SK, DI)
5
pF
V
IN = 0V
Table 1-2.
DC Characteristics
Applicable over recommended operating range from: T
AI = −40°C to +85°C, VCC = +1.8V to +5.5V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VCC1
Supply Voltage
1.8
5.5
V
V
CC2
Supply Voltage
2.7
5.5
V
VCC3
Supply Voltage
4.5
5.5
V
ICC
Supply Current
VCC = 5.0V
READ at 1.0 MHz
0.5
2.0
mA
WRITE at 1.0 MHz
0.5
2.0
mA
ISB1
Standby Current
VCC = 1.8V
CS = 0V
0.4
1.0
µA
ISB2
Standby Current
VCC = 2.7V
CS = 0V
6.0
10.0
µA
I
SB3
Standby Current
V
CC = 5.0V
CS = 0V
10.0
15.0
µA
IIL
Input Leakage
VIN = 0V to VCC
0.1
1.0
µA
IOL
Output Leakage
VIN = 0V to VCC
0.1
1.0
µA
V
IL1
(1)
Input Low Voltage
2.7V
≤ V
CC ≤ 5.5V
0.6
0.8
V
VIH1
(1)
Input High Voltage
2.0
VCC + 1
V
IL2
(1)
Input Low Voltage
1.8V
≤ V
CC ≤ 2.7V
0.6
V
CC x 0.3
V
V
IH2
(1)
Input High Voltage
V
CC x 0.7
V
CC + 1
VOL1
Output Low Voltage
2.7V
≤ V
CC ≤ 5.5V
IOL = 2.1 mA
0.4
V
V
OH1
Output High Voltage
I
OH = 0.4 mA
2.4
V
V
OL2
Output Low Voltage
1.8V
≤ V
CC ≤ 2.7V
I
OL = 0.15 mA
0.2
V
VOH2
Output High Voltage
IOH = 100 µA
VCC – 0.2
V


Similar Part No. - AT93C46DY6-YH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D_14 Datasheet
805Kb / 17P
   3-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
More results

Similar Description - AT93C46DY6-YH-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C46E ATMEL-AT93C46E_08 Datasheet
682Kb / 15P
   Three-wire Serial EEPROM 1K (64 x 16)
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
143Kb / 15P
   3-Wire Serial EEPROM 1K (64 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST93CS46 STMICROELECTRONICS-ST93CS46 Datasheet
124Kb / 16P
   1K 64 x 16 SERIAL MICROWIRE EEPROM
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com