Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA225 Datasheet(PDF) 4 Page - Rohm

Part # BA225
Description  CR timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA225 Datasheet(HTML) 4 Page - Rohm

  BA225 Datasheet HTML 1Page - Rohm BA225 Datasheet HTML 2Page - Rohm BA225 Datasheet HTML 3Page - Rohm BA225 Datasheet HTML 4Page - Rohm BA225 Datasheet HTML 5Page - Rohm BA225 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Standard ICs
BA225 / BA225F / BA235 / BA226 / BA226F / BA236
Operation notes
(1) Usage range for voltage
The recommended voltage range is 4.0V to 16V. Use
of these ICs at 3.0V or lower voltage may cause the
same mode as the input trigger signal to be output at
around 2.6V.
(2) Input trigger
The input trigger level is 2.0V. The LOW level is 1.0V
or lower and the HIGH level is 3.0 V or higher. Trigger
signals of 10ms / V or lower should be used for both
the rising and falling edges.
(3) Time constant determining C • R
The recommended value for the timing capacitor is
1000pF or more and that for the timing resistor is from
10k
Ω to 1MΩ.
The voltage, which is determined by comparison of dis-
charge resistance and the timing resistance in the IC,
remains on the CR pins. If timing resistance is set at
5k
Ω or less, this voltage will reach threshold level (0.4
× VCC), and operation will come to a halt. Also, when
timing resistance is set to a low value, voltage remains
on the CR pins, which shortens the time constant. If
timing resistance is set to 2M
Ω or higher, the IC's inter-
nal comparator cannot be driven, which may bring
operation to a halt.
(4) Note that pin connections and pin arrangements on
the BA225 / BA226 (BA235F / BA226F) differ from
those on the BA235 / BA236.
Application example
Figure 8 shows an example of the circuit including
these ICs, while Figure 9 shows the basic operation
timing chart. Figure 10 shows the basic operation tim-
ing chart of the falling edge trigger type IC. When no
trigger signal is applied, the output is in the LOW state
and the timing capacitor is in the discharged state.
When a trigger signal is applied, its rising edge causes
the output to become HIGH and the timing capacitor to
be charged.
The charging time of this timing capacitor is determined
by the time constants of the external timing resistor and
the timing capacitor. When the charged voltage reach-
es 0.4
× VCC, the flip-flop in the IC is reset and the out-
put state changes from HIGH to LOW. At the same
time, the timing capacitor is discharged to be ready for
the next operation.
CR
M. M2
0T
CR
GND
BA225
BA226
BA225F
BA226F
VCC
VCC
12
3
4
0.1
µF
C
VCC = 5V
R
100k
C
8
765
0.02
µF
VCC
OUT2
OUT1
100k
R
M. M1
0T
Fig. 8


Similar Part No. - BA225

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BA221 PHILIPS-BA221 Datasheet
39Kb / 7P
   High-speed diode
1996 Sep 03
logo
List of Unclassifed Man...
BA222 ETC2-BA222 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Edal Industries, Inc.
BA223 EDAL-BA223 Datasheet
731Kb / 2P
   Sub-Miniature High Voltage Rectifiers
logo
List of Unclassifed Man...
BA223 ETC2-BA223 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BA225

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
   CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
   CR TIMER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
   CR timer
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
   CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
   CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
   CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
   CR TIMER
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
   cr networks
logo
RUBYCON CORPORATION
MCRA-DP RUBYCON-MCRA-DP Datasheet
152Kb / 1P
   CR-SURGE ABSORBER
logo
PHOENIX CONTACT
1115672 PHOENIX-1115672 Datasheet
214Kb / 6P
   CAPAROC CR 8 - Busbar
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com