Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT86RF230-ZU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT86RF230-ZU
Description  Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF230-ZU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT86RF230-ZU Datasheet HTML 1Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 2Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 3Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 4Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 5Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 6Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 7Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 8Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
3
5131D-ZIGB-12/03/07
AT86RF230
3 General Circuit Description
This single-chip radio transceiver provides a complete radio transceiver interface
between the antenna and the microcontroller. It comprises the analog radio transceiver
and the digital demodulation including time and frequency synchronization, and data
buffering. The number of external components is minimized such that only an antenna,
a crystal and four decoupling capacitors are required. The bidirectional differential
antenna pins are used for transmission and reception, so that no external antenna
switch is needed.
The AT86RF230 block diagram is shown in Figure 3-1.
Figure 3-1. Block Diagram of the AT86RF230
LNA
PPF
ADC
AGC
PA
Frequency
Synthesis
I
Q
SPI
Slave
Interface
TX power
control
TX Data
Limiter
5
RSSI
XOSC
Control Logic/
Configuration
Registers
CLKM
Fame
Buffer
TX BBP
RX BBP
SSBF
IRQ
SCLK
MISO
MOSI
SLP_TR
DCLK
RFP
RFN
Digital Domain
Analog Domain
DVREG
BATMON
AVREG
FTN
RST
SEL
The received RF signal at pins RFN and RFP is differentially fed through the low-noise
amplifier (LNA) to the RF filter (PPF) to generate a complex signal. This signal is
converted down by mixers to an intermediate frequency and fed to the integrated
channel filter (SSBF). The limiting amplifier provides sufficient gain to drive the
succeeding analog-to-digital converter (ADC) and generates a digital RSSI signal with
3 dB granularity. The ADC output signal is sampled by the digital base band receiver
(RX BBP).
The transmit modulation scheme is offset-QPSK (O-QPSK) with half-sine pulse shaping
and 32-length block coding (spreading) according to [1]. The modulation signal is
generated in the digital transmitter (TX BBP) and applied to the fractional-N frequency
synthesis (PLL) generating a coherent phase modulation required for demodulation of
O-QPSK signals. The frequency-modulated RF signal is fed to the power amplifier (PA).
An internal 128 byte RAM for RX and TX (Frame Buffer) buffers the data to be
transmitted or the received data. Two on chip low dropout (LDO) voltage regulators
provide the internal analog and digital 1.8V supply.


Similar Part No. - AT86RF230-ZU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230-ZU ATMEL-AT86RF230-ZU Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
AT86RF230-ZU ATMEL-AT86RF230-ZU Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
More results

Similar Description - AT86RF230-ZU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Texas Instruments
CC2420 TI-CC2420 Datasheet
1Mb / 92P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com