Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT86RF230 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT86RF230
Description  Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF230 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT86RF230 Datasheet HTML 3Page - ATMEL Corporation AT86RF230 Datasheet HTML 4Page - ATMEL Corporation AT86RF230 Datasheet HTML 5Page - ATMEL Corporation AT86RF230 Datasheet HTML 6Page - ATMEL Corporation AT86RF230 Datasheet HTML 7Page - ATMEL Corporation AT86RF230 Datasheet HTML 8Page - ATMEL Corporation AT86RF230 Datasheet HTML 9Page - ATMEL Corporation AT86RF230 Datasheet HTML 10Page - ATMEL Corporation AT86RF230 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
7
5131D-ZIGB-12/03/07
AT86RF230
4.3.2 Pull-up and Pull-down Configuration of Digital Input Pins
Pulling resistors are internally connected to all digital input pins in radio transceiver
state P_ON (see section 7.1.2). Table 4-4 summarizes the pull-up and pull-down
configuration.
Table 4-4 Pull-Up/Pull-Down Configuration of Digital Input Pins in P_ON State
Pin
H ≙
≙ pull-up, L ≙
≙ pull-down
RST
H
SEL
H
SCLK
L
MOSI
L
SLP_TR
L
In all other radio transceiver states, no pull-up or pull-down resistors are connected to
any of the digital input pins.
4.3.3 Register Description
Register 0x03 (TRX_CTRL_0)
The TRX_CTRL_0 register controls the drive current of the digital output pads and the
CLKM clock rate.
Bit
7
6
5
4
0x03
PAD_IO
PAD_IO_CLKM
TRX_CTRL_0
Read/Write
R/W
R/W
R/W
R/W
Reset value
0
0
0
1
Bit
3
2
1
0
0x03
CLKM_SHA_SEL
CLKM_CTRL
TRX_CTRL_0
Read/Write
R/W
R/W
R/W
R/W
Reset value
1
0
0
1
Bit [7:6] – PAD_IO
The register bits PAD_IO set the output driver current of digital output pads MISO and
IRQ.
Table 4-5. Digital Output Driver Strength
Register Bit
Value
Description
0
(1)
2 mA
1
4 mA
2
6 mA
PAD_IO
3
8 mA
Notes:
1. Reset values of register bits are underlined characterized in the document.
Bit [5:6] – PAD_IO_CLKM
The register bits PAD_IO_CLKM set the output driver current of pin CLKM.


Similar Part No. - AT86RF230

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
AT86RF230 ATMEL-AT86RF230 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
AT86RF230-ZU ATMEL-AT86RF230-ZU Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
AT86RF230-ZU ATMEL-AT86RF230-ZU Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
More results

Similar Description - AT86RF230

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Texas Instruments
CC2420 TI-CC2420 Datasheet
1Mb / 92P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com