Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C86A-10SQ-2.7 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT93C86A-10SQ-2.7
Description  Three-wire Automotive Temperature Serial EEPROM 16K (2048 x 8 or 1024 x 16)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C86A-10SQ-2.7 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT93C86A-10SQ-2.7 Datasheet HTML 1Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 2Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 3Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 4Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 5Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 6Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 7Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 8Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
5096E–SEEPR–1/08
AT93C86A
3. Functional Description
The AT93C86A is accessed via a simple and versatile 3-wire serial communication interface.
Device operation is controlled by seven instructions issued by the host processor. A valid
instruction starts with a rising edge of CS and consists of a Start Bit (logic “1”) followed by the
appropriate Op Code and the desired memory address location.
READ (READ): The Read (READ) instruction contains the address code for the memory loca-
tion to be read. After the instruction and address are decoded, data from the selected memory
location is available at the serial output pin DO. Output data changes are synchronized with the
rising edges of serial clock SK. It should be noted that a dummy bit (logic “0”) precedes the 8- or
16-bit data output string. The AT93C86A supports sequential read operations. The device will
automatically increment the internal address pointer and clock out the next memory location as
long as CS is held high. In this case, the dummy bit (logic “0”) will not be clocked out between
memory locations, thus allowing for a continuous stream of data to be read.
ERASE/WRITE (EWEN): To assure data integrity, the part automatically goes into the
Erase/Write Disable (EWDS) state when power is first applied. An Erase/Write Enable (EWEN)
instruction must be executed first before any programming instructions can be carried out.
Please note that once in the EWEN state, programming remains enabled until an EWDS instruc-
tion is executed or VCC power is removed from the part.
ERASE (ERASE): The Erase (ERASE) instruction programs all bits in the specified memory
location to the logical “1” state. The self-timed erase cycle starts once the Erase instruction and
address are decoded. The DO pin outputs the Ready/Busy status of the part if CS is brought
high after being kept low for a minimum of 250 ns (tCS). A logic “1” at pin DO indicates that the
selected memory location has been erased, and the part is ready for another instruction.
WRITE (WRITE): The Write (WRITE) instruction contains the 8 or 16 bits of data to be written
into the specified memory location. The self-timed programming cycle tWP starts after the last bit
of data is received at serial data input pin DI. The DO pin outputs the Ready/Busy status of the
part if CS is brought high after being kept low for a minimum of 250 ns (tCS). A logic “0” at DO
indicates that programming is still in progress. A logic “1” indicates that the memory location at
the specified address has been written with the data pattern contained in the instruction and the
part is ready for further instructions. A Ready/Busy status cannot be obtained if the CS is
brought high after the end of the self-timed programming cycle tWP.
ERASE ALL (ERAL): The Erase All (ERAL) instruction programs every bit in the memory array
to the logic “1” state and is primarily used for testing purposes. The DO pin outputs the
Ready/Busy status of the part if CS is brought high after being kept low for a minimum of 250 ns
(tCS). The Eral instruction is valid only at VCC = 5.0V ± 10%.
WRITE ALL (WRAL): The Write All (WRAL) instruction programs all memory locations with the
data patterns specified in the instruction. The DO pin outputs the Ready/Busy status of the part if
CS is brought high after being kept low for a minimum of 250 ns (tCS). The Wral instruction is
valid only at VCC = 5.0V ± 10%.
ERASE/WRITE DISABLE (EWDS): To protect against accidental data disturbance, the
Erase/Write Disable (EWDS) instruction disables all programming modes and should be exe-
cuted after all programming operations. The operation of the Read instruction is independent of
both the Ewen and Ewds instructions and can be executed at any time.


Similar Part No. - AT93C86A-10SQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C86A-10SU-1.8 ATMEL-AT93C86A-10SU-1.8 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C86A-10SU-2.7 ATMEL-AT93C86A-10SU-2.7 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C86A-10SQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
AiT Semiconductor Inc.
A24C16 AITSEMI-A24C16 Datasheet
977Kb / 18P
   MEMORY EEPROM 16k bits (2048 X 8) TWO-WIRE SERIAL
REV2.1
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT93C46E ATMEL-AT93C46E_08 Datasheet
682Kb / 15P
   Three-wire Serial EEPROM 1K (64 x 16)
AT93C86A_0702 ATMEL-AT93C86A_0702 Datasheet
335Kb / 15P
   Three-wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com