Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25010A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25010A
Description  SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25010A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25010A_07 Datasheet HTML 1Page - ATMEL Corporation AT25010A_07 Datasheet HTML 2Page - ATMEL Corporation AT25010A_07 Datasheet HTML 3Page - ATMEL Corporation AT25010A_07 Datasheet HTML 4Page - ATMEL Corporation AT25010A_07 Datasheet HTML 5Page - ATMEL Corporation AT25010A_07 Datasheet HTML 6Page - ATMEL Corporation AT25010A_07 Datasheet HTML 7Page - ATMEL Corporation AT25010A_07 Datasheet HTML 8Page - ATMEL Corporation AT25010A_07 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
AT25010A/020A/040A
5087D–SEEPR–3/07
Serial Interface
Description
MASTER: The device that generates the serial clock.
SLAV E : Because the serial clock pin (SCK) is always an input, the
AT25010A/020A/040A always operates as a slave.
TRANSMITTER/RECEIVER: The AT25010A/020A/040A has separate pins designated
for data transmission (SO) and reception (SI).
MSB: The Most Significant Bit (MSB) is the first bit transmitted and received.
SERIAL OP-CODE: After the device is selected with CS going low, the first byte will be
received. This byte contains the op-code that defines the operations to be performed.
The op-code also contains address bit A8 in both the Read and Write instructions.
INVALID OP-CODE: If an invalid op-code is received, no data will be shifted into the
AT25010A/020A/040A, and the serial output pin (SO) will remain in a high impedance
state until the falling edge of CS is detected again. This will reinitialize the serial
communication.
CHIP SELECT: The AT25010A/020A/040A is selected when the CS pin is low. When
the device is not selected, data will not be accepted via the SI pin, and the serial output
pin (SO) will remain in a high impedance state.
HOLD: The HOLD pin is used in conjunction with the CS pin to select the
AT25010A/020A/040A. When the device is selected and a serial sequence is underway,
HOLD can be used to pause the serial communication with the master device without
resetting the serial sequence. To pause, the HOLD pin must be brought low while the
SCK pin is low. To resume serial communication, the HOLD pin is brought high while the
SCK pin is low (SCK may still toggle during HOLD). Inputs to the SI pin will be ignored
while the SO pin is in the high impedance state.
WRITE PROTECT: The write protect pin (WP) will allow normal read/write operations
when held high. When the WP pin is brought low, all write operations are inhibited. WP
going low while CS is still low will interrupt a write to the AT25010A/020A/040A. If the
internal write cycle has already been initiated, WP going low will have no effect on any
write operation.


Similar Part No. - AT25010A_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_06 Datasheet
559Kb / 22P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A_09 Datasheet
507Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
More results

Similar Description - AT25010A_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56A ATMEL-AT93C56A Datasheet
167Kb / 18P
   3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com