Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA8403-6AQY Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA8403-6AQY
Description  UHF ASK/FSK Industrial Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8403-6AQY Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA8403-6AQY Datasheet HTML 1Page - ATMEL Corporation ATA8403-6AQY Datasheet HTML 2Page - ATMEL Corporation ATA8403-6AQY Datasheet HTML 3Page - ATMEL Corporation ATA8403-6AQY Datasheet HTML 4Page - ATMEL Corporation ATA8403-6AQY Datasheet HTML 5Page - ATMEL Corporation ATA8403-6AQY Datasheet HTML 6Page - ATMEL Corporation ATA8403-6AQY Datasheet HTML 7Page - ATMEL Corporation ATA8403-6AQY Datasheet HTML 8Page - ATMEL Corporation ATA8403-6AQY Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
4983B–INDCO–10/08
ATA8403
Figure 4-1.
Tolerances of Frequency Modulation
Using C
4 =9.2 pF ±2%, C5 = 6.8 pF ±5%, a switch port with CSwitch = 3 pF ±10%, stray capaci-
tances on each side of the crystal of C
Stray1 =CStray2 = 1 pF ±10%, a parallel capacitance of the
crystal of C
0 = 3.2 pF ±10% and a crystal with CM = 13 fF ±10%, typically results in an FSK devi-
ation of ±21.5 kHz with worst case tolerances of ±16.8 kHz to ±28.0 kHz.
4.3
CLK Output
An output CLK signal is provided for a connected microcontroller. The delivered signal is CMOS
compatible if the load capacitance is lower than 10 pF.
4.3.1
Clock Pulse Take-over
The clock of the crystal oscillator can be used for clocking the microcontroller. A special feature
of Atmel®’s ATARx9x is that it starts with an integrated RC-oscillator to switch on the ATA8403
with ENABLE = H, and after 4 ms assumes the clock signal of the transmission IC, so that the
message can be sent with crystal accuracy.
4.3.2
Output Matching and Power Setting
The output power is set by the load impedance of the antenna. The maximum output power is
achieved with a load impedance of Z
Load,opt = (166 + j226)Ω at 868.3 MHz. There must be a low
resistive path to V
S to deliver the DC current.
The delivered current pulse of the power amplifier is 7.7 mA. The maximum output power is
delivered to a resistive load of 475
Ω if the 0.53 pF output capacitance of the power amplifier is
compensated by the load impedance.
An optimum load impedance of:
Z
Load =475Ω || j/(2 × p × f × 0.53 pF) = (166 + j226)Ω thus results in the maximum output power
of 5.5 dBm.
The load impedance is defined as the impedance seen from the ATA8403’s ANT1, ANT2 into
the matching network. Do not confuse this large signal load impedance with a small signal input
impedance delivered as input characteristic of RF amplifiers and measured from the application
into the IC instead of from the IC into the application for a power amplifier.
Less output power is achieved by lowering the real parallel part of 475
Ω where the parallel imag-
inary part should be kept constant.
Output power measurement can be done with the circuit shown in Figure 4-2 on page 6. Note
that the component values must be changed to compensate for the individual board parasitics
until the ATA8403 has the right load impedance Z
Load,opt = (166 + j226)Ω at 868.3 MHz. Also the
damping of the cable used to measure the output power must be calibrated out.
RS
LM
C4
CM
VS
XTAL
C0
C5
CSwitch
CStray1
CStray2


Similar Part No. - ATA8403-6AQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8403 ATMEL-ATA8403 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_14 Datasheet
665Kb / 13P
   UHF ASK/FSK Industrial Transmitter
More results

Similar Description - ATA8403-6AQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8402 ATMEL-ATA8402_14 Datasheet
665Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_08 Datasheet
222Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8402 ATMEL-ATA8402 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_14 Datasheet
678Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_14 Datasheet
665Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_09 Datasheet
352Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8404 ATMEL-ATA8404 Datasheet
1Mb / 20P
   UHF ASK/FSK Industrial Transmitter
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com