Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6839-PXQW Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA6839-PXQW
Description  High Temperature Hex Half-bridge Driver with Serial Input Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6839-PXQW Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA6839-PXQW Datasheet HTML 1Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 2Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 3Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 4Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 5Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 6Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 7Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 8Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
4955D–AUTO–10/08
ATA6839 [Preliminary]
3.
Functional Description
3.1
Serial Interface
Data transfer starts with the falling edge of the CS signal. Data must appear at DI synchronized
to CLK and is accepted on the falling edge of the CLK signal. LSB (bit 0, SRR) has to be trans-
ferred first. Execution of new input data is enabled on the rising edge of the CS signal. When CS
is high, pin DO is in a tri-state condition. This output is enabled on the falling edge of CS. Output
data will change their state with the rising edge of CLK and stay stable until the next rising edge
of CLK appears. LSB (bit 0, TP) is transferred first.
Figure 3-1.
Data Transfer Input Data Protocol
SRR
LS1
HS1
LS2
HS2
LS3
HS3
LS4
HS4
LS5
HS5
LS6
HS6
OLD
SCT
SI
CS
DI
CLK
DO
TP
SLS1
SHS1
SLS2
SHS2
SLS3
SHS3
SLS4
SHS4
SLS5
SHS5
SLS6
SHS6
SCD
INH
PSF
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Table 3-1.
Input Data Protocol
Bit
Input Register
Function
0SRR
Status register reset (high = reset; the bits PSF, SCD and
overtemperature shutdown in the output data register are set to low)
1
LS1
Controls output LS1 (high = switch output LS1 on)
2
HS1
Controls output HS1 (high = switch output HS1 on)
3
LS2
See LS1
4
HS2
See HS1
5
LS3
See LS1
6
HS3
See HS1
7
LS4
See LS1
8
HS4
See HS1
9
LS5
See LS1
10
HS5
See HS1
11
LS6
See LS1
12
HS6
See HS1
13
OLD
Open load detection (low = on)
14
SCT
Programmable time delay for short circuit
(shutdown delay high/low = 12 ms/1.5 ms)
15
SI
Software inhibit; low = standby, high = normal operation
(data transfer is not affected by standby function because the digital
part is still powered)


Similar Part No. - ATA6839-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6830 ATMEL-ATA6830 Datasheet
488Kb / 23P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830 ATMEL-ATA6830 Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830-PKH ATMEL-ATA6830-PKH Datasheet
488Kb / 23P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830-PKHW ATMEL-ATA6830-PKHW Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830 ATMEL-ATA6830_05 Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
More results

Similar Description - ATA6839-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6837 ATMEL-ATA6837_09 Datasheet
398Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
ATA6837 ATMEL-ATA6837 Datasheet
390Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
ATA6838 ATMEL-ATA6838 Datasheet
389Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_09 Datasheet
443Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6836C ATMEL-ATA6836C_14 Datasheet
851Kb / 21P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836 Datasheet
434Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6838C ATMEL-ATA6838C_14 Datasheet
590Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_10 Datasheet
458Kb / 21P
   Hex Half-bridge Driver with Serial Input Control
logo
Monolithic Power System...
MPQ6526 MPS-MPQ6526 Datasheet
1Mb / 19P
   Hex Half-Bridge Motor Driver with Serial Input Control
logo
ATMEL Corporation
ATA6827 ATMEL-ATA6827_07 Datasheet
352Kb / 15P
   High Temperature Triple Half-bridge Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com