Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6832-PIQW Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6832-PIQW
Description  High Temperature Triple Half-bridge Driver with SPI and PWM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6832-PIQW Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6832-PIQW Datasheet HTML 1Page - ATMEL Corporation ATA6832-PIQW Datasheet HTML 2Page - ATMEL Corporation ATA6832-PIQW Datasheet HTML 3Page - ATMEL Corporation ATA6832-PIQW Datasheet HTML 4Page - ATMEL Corporation ATA6832-PIQW Datasheet HTML 5Page - ATMEL Corporation ATA6832-PIQW Datasheet HTML 6Page - ATMEL Corporation ATA6832-PIQW Datasheet HTML 7Page - ATMEL Corporation ATA6832-PIQW Datasheet HTML 8Page - ATMEL Corporation ATA6832-PIQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
4951C–AUTO–02/08
ATA6832
3.
Functional Description
3.1
Serial Interface
Data transfer starts with the falling edge of the CS signal. Data must appear at DI synchronized
to CLK and is accepted on the falling edge of the CLK signal. The LSB (bit 0, SRR) has to be
transferred first. Execution of new input data is enabled on the rising edge of the CS signal.
When CS is high, pin DO is in tri-state condition. This output is enabled on the falling edge of
CS. Output data will change their state with the rising edge of CLK and stay stable until the next
rising edge of CLK appears. LSB (bit 0, TP) is transferred first.
Figure 3-1.
Data Transfer
SRR
LS1
HS1
LS2
HS2
LS3
HS3
nPL!
PH1
PL2
PH2
PL3
PH3
OLD
OCS
SI
CS
DI
CLK
DO
TP
S1L
S1H
S2L
S2H
S3L
S3H
n. u.
n. u.
n. u.
n. u.
n. u.
n. u.
OVl
INH
PSF
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Table 3-1.
Input Data Protocol
Bit
Input Register
Function
0SRR
Status register reset (high = reset; the bits PSF and OVL in the output
data register are set to low)
1
LS1
Controls output LS1 (high = switch output LS1 on)
2
HS1
Controls output HS1 (high = switch output HS1 on)
3
LS2
See LS1
4
HS2
See HS1
5
LS3
See LS1
6
HS3
See HS1
7
PL1
Output LS1 additionally controlled by PWM Input
8
PH1
Output HS1 additionally controlled by PWM Input
9
PL2
See PL1
10
PH2
See PH1
11
PL3
See PL1
12
PH3
See PH1
13
OLD
Open load detection (low = on)
14
OCS
Overcurrent shutdown (high = overcurrent shutdown is active)
15
SI
Software inhibit; low = standby, high = normal operation
(data transfer is not affected by the standby function because the digital
part is still powered)


Similar Part No. - ATA6832-PIQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6832-PIQW ATMEL-ATA6832-PIQW Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832-PIQW ATMEL-ATA6832-PIQW Datasheet
397Kb / 17P
   Three Half-bridge Outputs Formed by Three High-side and Three Low-side Drivers
More results

Similar Description - ATA6832-PIQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6832 ATMEL-ATA6832 Datasheet
304Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832C ATMEL-ATA6832C_14 Datasheet
639Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_09 Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831_07 Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831 Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com