Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR0603 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0603
Description  GPS Front-end IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0603 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0603 Datasheet HTML 1Page - ATMEL Corporation ATR0603 Datasheet HTML 2Page - ATMEL Corporation ATR0603 Datasheet HTML 3Page - ATMEL Corporation ATR0603 Datasheet HTML 4Page - ATMEL Corporation ATR0603 Datasheet HTML 5Page - ATMEL Corporation ATR0603 Datasheet HTML 6Page - ATMEL Corporation ATR0603 Datasheet HTML 7Page - ATMEL Corporation ATR0603 Datasheet HTML 8Page - ATMEL Corporation ATR0603 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
4950B–GPS–11/06
ATR0603 [Preliminary]
3.6
IF Filter
The mixer directly drives an external LC bandpass filter via open collector outputs. In order to
provide highest selectivity and conversion gain, it is recommended to design the external filter,
according to the application proposal in chapter 10, as a 2-pole filter with a quality factor Q > 25.
3.7
IF Amplifier
The output of the IF filter drives an IF amplifier which is combined with additional low-pass filter-
ing. The gain of this amplifier can be set to three different levels in order to optimally charge the
input of the following analog-to-digital converter for each application.
The gain is internally set to high gain mode but can be adjusted by using external pull-down
resistors at pin 18 (AMP1) and pin 19 (AMP2). If high gain mode is desired, pins 18 and 19 have
to be left floating (see Section 8. ”Electrical Characteristics” ).
3.8
A/D Converter
The analog-to-digital converter stage has a total resolution of 1 bit. It comprises a sub-sampling
unit, clocked by the reference frequency (f
TCXO). The frequency spectrum of the digital output
signal (f
OUT), present at the data output SIG, is then given by: fOUT = fIF –fTCXO × n. The
selected sub-sampling factor (n = 6) leads to the designated digital output signal, with a center
frequency given by:
f
OUT = fIF – fTCXO × 6
=
102.32997 MHz – 16.367667 MHz × 6= 4.123968 MHz.
3.9
Clock and Data Driver
CMOS output drivers provide the output bit as well as the system clock to the baseband IC. The
amplitude of this signal strongly depends on the value for the digital supply voltage (see Section
8. ”Electrical Characteristics” on page 7).


Similar Part No. - ATR0603

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
ATR0603 ABCO-ATR0603 Datasheet
538Kb / 3P
   THICK FILM CHIP RESISTORS
More results

Similar Description - ATR0603

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
   GPS RF FRONT-END IC
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11 Datasheet
570Kb / 12P
   GPS Front-End Module
Rev.3.1, Oct. 2009
BGM781N11 INFINEON-BGM781N11_10 Datasheet
372Kb / 12P
   GPS Front-End Module
Rev.3.2, Oct. 2010
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
   Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com