Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR0635 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR0635 Datasheet HTML 2Page - ATMEL Corporation ATR0635 Datasheet HTML 3Page - ATMEL Corporation ATR0635 Datasheet HTML 4Page - ATMEL Corporation ATR0635 Datasheet HTML 5Page - ATMEL Corporation ATR0635 Datasheet HTML 6Page - ATMEL Corporation ATR0635 Datasheet HTML 7Page - ATMEL Corporation ATR0635 Datasheet HTML 8Page - ATMEL Corporation ATR0635 Datasheet HTML 9Page - ATMEL Corporation ATR0635 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
4928H–GPS–06/08
ATR0635
3.
Pin Configuration
3.1
Pinout
Figure 3-1.
Pinning BGA96 (Top View)
Table 3-1.
ATR0635 Pinout
Pin Name
BGA 96
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
IO
AGCO
A4
Analog I/O
CLK23
A8
Digital OUT
DBG_EN
E8
Digital IN
PD
EGC
D4
Digital IN
GDIG
C5
Supply
GND
A6
Supply
GND
A9
Supply
GND
B11
Supply
GND
F5
Supply
GND
H8
Supply
GND
H12
Supply
GNDA
A3
Supply
GNDA
B1
Supply
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. VBAT18 represent the internal power supply of the backup power domain, see section “Power Supply” on page 20.
3. VDD_USB is the supply voltage for following the USB pins: USB_DM and USB_DP, see section “Power Supply” on page
20. For operation of the USB interface, supply of 3.0V to 3.6V is required.
4. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29, see section “Power Supply” on page 20.
A
B
C
D
E
F
G
H
123456789
10
11
12
ATR0635


Similar Part No. - ATR0635

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0635 ATMEL-ATR0635 Datasheet
531Kb / 33P
   ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635-DK1 ATMEL-ATR0635-DK1 Datasheet
634Kb / 35P
   ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635-EK1 ATMEL-ATR0635-EK1 Datasheet
634Kb / 35P
   ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635P1 ATMEL-ATR0635P1 Datasheet
634Kb / 35P
   ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635P1-7KQY ATMEL-ATR0635P1-7KQY Datasheet
634Kb / 35P
   ANTARIS4 Single-chip GPS Receiver SuperSense
More results

Similar Description - ATR0635

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0635P1 ATMEL-ATR0635P1 Datasheet
634Kb / 35P
   ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635 ATMEL-ATR0635 Datasheet
531Kb / 33P
   ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0630 ATMEL-ATR0630 Datasheet
555Kb / 36P
   ANTARIS4 Single-chip GPS Receiver
ATR0630P1 ATMEL-ATR0630P1 Datasheet
335Kb / 14P
   ANTARIS4 Single-chip GPS Receiver
logo
Princeton Technology Co...
PT9258 PTC-PT9258 Datasheet
309Kb / 7P
   Single Chip GPS Receiver
logo
ATMEL Corporation
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
ATR0625P ATMEL-ATR0625P Datasheet
497Kb / 27P
   GPS Baseband Processor SuperSense
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
   GPS Baseband Processor SuperSense
logo
Princeton Technology Co...
PT9250 PTC-PT9250 Datasheet
316Kb / 7P
   48-channel Single Chip GPS Receiver
PT9250 PTC-PT9250_10 Datasheet
233Kb / 4P
   48-channel Single Chip GPS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com