Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6831 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA6831
Description  Triple Half-bridge Driver with SPI and PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6831 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA6831_07 Datasheet HTML 1Page - ATMEL Corporation ATA6831_07 Datasheet HTML 2Page - ATMEL Corporation ATA6831_07 Datasheet HTML 3Page - ATMEL Corporation ATA6831_07 Datasheet HTML 4Page - ATMEL Corporation ATA6831_07 Datasheet HTML 5Page - ATMEL Corporation ATA6831_07 Datasheet HTML 6Page - ATMEL Corporation ATA6831_07 Datasheet HTML 7Page - ATMEL Corporation ATA6831_07 Datasheet HTML 8Page - ATMEL Corporation ATA6831_07 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
4908E–AUTO–06/07
ATA6831
2.
Pin Configuration
Figure 2-1.
Pinning QFN18
OUT3S
OUT3F
CS
DI
CLK
PWM
OUT2F
VS2
VS1
VCC
GND
DO
1
2
3
4
5
6
12
11
10
9
8
7
18 17 16 15
13
14
Table 2-1.
Pin Description
Pin
Symbol
Function
1
OUT3S
Used only for final testing, to be connected to OUT3F
2
OUT3F
Half-bridge output 3; formed by internally connecting power MOS high-side switch 3 and low-side switch 3
with internal reverse diodes; short circuit protection; overtemperature protection; diagnosis for short and
open load
3CS
Chip select input; 5V CMOS logic level input with internal pull-up;
low = serial communication is enabled, high = disabled
4DI
Serial data input; 5V CMOS logic level input with internal pull-down; receives serial data from the control
device; DI expects a 16-bit control word with LSB transferred first
5CLK
Serial clock input; 5V CMOS logic level input with internal pull-down;
controls serial data input interface and internal shift register (fmax = 2 MHz)
6
PWM
PWM input; 5V CMOS logic level input with internal pull-down
7DO
Serial data output; 5V CMOS logic-level tri-state output for output (status) register data; sends 16-bit status
information to the microcontroller (LSB transferred first); output will remain tri-stated unless device is
selected by CS = low; this allows several ICs to operate on only one data-output line
8
GND
Ground
9
VCC
Logic supply voltage (5V)
10
VS1
Power supply for output stages OUT1 and OUT2; internal supply
11
VS2
Power supply for output stages OUT2 and OUT3; internal supply
12
OUT2F
Half-bridge output 2; formed by internally connected power MOS high-side switch 2 and low-side switch 2
with internal reverse diodes; short circuit protection; overtemperature protection; diagnosis for short and
open load
13
OUT2S
Used only for final testing, to be connected to OUT2F
14
PGND2
Power ground OUT2
15
OUT1F
Half-bridge output 1; formed by internally connected power MOS high-side switch 1 and low-side switch 1
with internal reverse diodes; short circuit protection; overtemperature protection; diagnosis for short and
open load
16
OUT1S
Used only for final testing, to be connected to OUT1F
17
PGND1
Power ground OUT1
18
PGND3
Power ground OUT3


Similar Part No. - ATA6831_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6831-PIPW ATMEL-ATA6831-PIPW Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
ATA6831-PIPW ATMEL-ATA6831-PIPW Datasheet
399Kb / 17P
   Very Low Quiescent Current IVS < 5 關A in Standby Mode over Total Temperature Range
ATA6831-PIQW ATMEL-ATA6831-PIQW Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
ATA6831-PIQW ATMEL-ATA6831-PIQW Datasheet
399Kb / 17P
   Very Low Quiescent Current IVS < 5 關A in Standby Mode over Total Temperature Range
ATA6831-PISW ATMEL-ATA6831-PISW Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
More results

Similar Description - ATA6831_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832 Datasheet
304Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832C ATMEL-ATA6832C_14 Datasheet
639Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_09 Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_08 Datasheet
360Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831 Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com