Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME102.010A09H Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # ME102.010A09H
Description  Preset counters mechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ME102.010A09H Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  ME102.010A09H Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ME102.010A09H Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG ME102.010A09H Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG ME102.010A09H Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Preset counters mechanic
1
www.baumerivo.com
www.baumerivo.com
ME102 - Meter counter
Features
Preset counter with one preset
Meter or revolution counter
Subtracting
Display 4-digits
With reset button
Compact design
Surface mount housing
Technical data - electrical ratings
Preset
1 preset
Preset setting
Press reset button and hold.
Enter desired value in any
order. Release reset button.
Limit switch
Momentary contact at 0000
Permanent contact at 9999
Precontact
Permanent precontact as
momentary contact
Output contact
Change-over contact
Switching voltage
230 VAC / VDC
Switching current
2 A
Switching capacity
100 VA / 30 W
Spark extinguisher
Recommended for inductive
load
ME102, UE102
Technical data - mechanical design
Number of digits
4-digits
Digit height
5.5 mm
Count mode
Subtracting in a rotational
direction to be indicated, adding
in reverse direction
Drive shaft
Both sides, ø4 mm
Reset
Manual by button to preset
Operating torque
≤0.8 Nm (with 1 rev. = 1 count)
≤0.4 Nm (with 50 rev. = 1 count)
Measuring range
See ordering part number
Operating temperature
0...+60 °C
Housing type
Surface mount housing
Housing colour
Grey
Dimensions W x H x L
60 x 62 x 68.5 mm
Dimensions mounting plate 60 x 62 mm
Mounting
Surface mount housing
Weight approx.
350 g
Material
Housing: Hostaform POM, grey
E-connection
Cable 30 cm, 3 cores
Meter and revolution counters, subtracting
Display 4-digits, manual reset by button
UE102 - Revolution counter


Similar Part No. - ME102.010A09H

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME10 SLPOWER-ME10 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
logo
Schneider Electric
ME10 SCHNEIDER-ME10 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Altech corporation
ME10010030 ALTECH-ME10010030 Datasheet
306Kb / 2P
   ME252015
ME1006030 ALTECH-ME1006030 Datasheet
306Kb / 2P
   ME252015
ME1008030 ALTECH-ME1008030 Datasheet
306Kb / 2P
   ME252015
More results

Similar Description - ME102.010A09H

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
ME230 IVO-ME230 Datasheet
330Kb / 2P
   Preset counters mechanic
ME280 IVO-ME280 Datasheet
322Kb / 2P
   Preset counters mechanic
ME282PTB IVO-ME282PTB Datasheet
312Kb / 2P
   Preset counters mechanic
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
FS304 IVO-FS304 Datasheet
507Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com