Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBB-4000 Datasheet(PDF) 6 Page - RF Micro Devices

Part # SBB-4000
Description  0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB-4000 Datasheet(HTML) 6 Page - RF Micro Devices

  SBB-4000 Datasheet HTML 1Page - RF Micro Devices SBB-4000 Datasheet HTML 2Page - RF Micro Devices SBB-4000 Datasheet HTML 3Page - RF Micro Devices SBB-4000 Datasheet HTML 4Page - RF Micro Devices SBB-4000 Datasheet HTML 5Page - RF Micro Devices SBB-4000 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
Preliminary
EDS-106101 Rev A
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or techni-
cal support, contact RFMD at (+1) 336-678-5570 or sales-sup-
SBB-4000
Device Assembly
Ordering Information
Part Number
Description
Devices/Container
SBB-4000
Bare Die


Similar Part No. - SBB-4000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB-4082S RFMD-SBB-4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block
logo
List of Unclassifed Man...
SBB-4089 ETC1-SBB-4089 Datasheet
378Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBB-4089 SIRENZA-SBB-4089 Datasheet
379Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBB-4089Z ETC1-SBB-4089Z Datasheet
378Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBB-4089Z SIRENZA-SBB-4089Z Datasheet
379Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
More results

Similar Description - SBB-4000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5000 RFMD-SBB5000 Datasheet
155Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Analog Devices
HMC740ST89E AD-HMC740ST89E Datasheet
842Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER
HMC741ST89E AD-HMC741ST89E Datasheet
850Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SBB-1089 SIRENZA-SBB-1089 Datasheet
134Kb / 6P
   50-850MHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com