Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T4091R-DDB Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T4091R-DDB
Description  Programmable Telephone Audio Processor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4091R-DDB Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T4091R-DDB Datasheet HTML 2Page - ATMEL Corporation T4091R-DDB Datasheet HTML 3Page - ATMEL Corporation T4091R-DDB Datasheet HTML 4Page - ATMEL Corporation T4091R-DDB Datasheet HTML 5Page - ATMEL Corporation T4091R-DDB Datasheet HTML 6Page - ATMEL Corporation T4091R-DDB Datasheet HTML 7Page - ATMEL Corporation T4091R-DDB Datasheet HTML 8Page - ATMEL Corporation T4091R-DDB Datasheet HTML 9Page - ATMEL Corporation T4091R-DDB Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
4872A–CORD–08/05
U4091BM-R
3.
DC Line Interface and Supply-voltage Generation
The DC line interface consists of an electronic inductance and a dual-port output stage which
charges the capacitors at VMPS and VB. The value of the equivalent inductance is given by:
The U4091BM-R contains two identical series regulators which provide a supply voltage VMP of
3.3V suitable for a microprocessor. In speech mode, both regulators are active because VMPS
and VB are charged simultaneously by the DC line interface. The output current is 6 mA. The
capacitor at VMPS is used to provide the microcomputer with sufficient power during long line
interruptions. Thus, long flash pulses can be bridged or an LCD display can be turned on for
more than 2 seconds after going on-hook. When the system is in ringing mode, VB is charged by
the on-chip ringing power converter. In this mode, only one regulator is used to supply VMP with
maximum 3 mA.
4.
Supply Structure of the Chip
A main benefit of the U4091BM is the easy implementation of various applications due to the
flexible system structure of the chip.
Possible applications:
• Group listening phone
• Hands-free phone
• Phones which feature ringing with the built-in speaker amplifier
• Answering machine with external supply
The special supply topology for the various functional blocks is shown in Figure 4-1 on page 7.
There are four major supply states:
1.
Speech condition
In speech condition, the system is supplied by the line current. If the LIDET block
detects a line voltage above approximately 2V, the internal signal VLON is activated.
This is detected via the serial bus, all the blocks which are needed have to be switched
on via the serial bus.
For line voltages below 2V, the switches remain in quiescent state as shown in the
diagram.
40
AMPB
Input for playback signal of answering machine
41
AMREC
Output for recording signal of answering machine
42
STO
Output for connecting the sidetone network
43
STC
Input for sidetone network
44
STRC
Input for sidetone network
Table 2-1.
Pin Description
Pin
Symbol
Function
Note:
1. The protection device at pin RECIN is disconnected.
L
2R
SENSE
×
C
IND
R
DC
R
30
×
()
×
×
R
DC
R
30
+
()
-------------------------------------------------------------------------------------------
=


Similar Part No. - T4091R-DDB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4091N-DDB ATMEL-T4091N-DDB Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
More results

Similar Description - T4091R-DDB

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
U4091BM TEMIC-U4091BM Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com