Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4091BM-RFNGY Datasheet(PDF) 10 Page - ATMEL Corporation

Part # U4091BM-RFNGY
Description  Programmable Telephone Audio Processor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-RFNGY Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button U4091BM-RFNGY Datasheet HTML 6Page - ATMEL Corporation U4091BM-RFNGY Datasheet HTML 7Page - ATMEL Corporation U4091BM-RFNGY Datasheet HTML 8Page - ATMEL Corporation U4091BM-RFNGY Datasheet HTML 9Page - ATMEL Corporation U4091BM-RFNGY Datasheet HTML 10Page - ATMEL Corporation U4091BM-RFNGY Datasheet HTML 11Page - ATMEL Corporation U4091BM-RFNGY Datasheet HTML 12Page - ATMEL Corporation U4091BM-RFNGY Datasheet HTML 13Page - ATMEL Corporation U4091BM-RFNGY Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
4872A–CORD–08/05
U4091BM-R
Table 10-4.
DTMFF4 in DTMF Mode
Pre-emphasis Selection
Level
02.5 dB
13.5 dB
Table 10-5.
DTMF and Melody Frequencies
Decimal
DTMFF
[0:4]
f
(Hz)
Tone/
Name
Error (%)
DTMF
Freq.
DTMP
Freq.
Key
0
00000
440.0
A4
–0.008
697
1209
1
1
00001
466.2
A#4
–0.016
770
1209
4
2
00010
493.9
B4
–0.003
852
1209
7
3
00011
523.2
C4
0.014
941
1209
*
4
00100
554.4
C#4
0.018
697
1336
2
5
00101
587.3
D4
–0.023
770
1336
5
6
00110
622.3
D#4
–0.129
852
1336
8
7
00111
659.3
E4
0.106
941
1336
0
8
01000
698.5
F4
–0.216
697
1477
3
9
01001
740.0
F#4
–0.222
770
1477
6
10
01010
784.0
G4
0.126
852
1477
9
11
01011
830.0
G#4
–0.169
941
1477
#
12
01100
880.0
A5
0.288
697
1633
A
13
01101
932.3
A#5
–0.014
770
1633
B
14
01110
987.8
B5
–0.004
852
1633
C
15
01111
1046.5
C5
–0.335
941
1633
D
16
10000
1108.7
C#5
–0.355
697
1209
1
17
10001
1174.7
D5
–0.023
770
1209
4
18
10010
1244.5
D#5
–0.129
852
1209
7
19
10011
1318.5
E5
0.106
941
1209
*
20
10100
1396.9
F5
–0.214
697
1336
2
21
10101
1480.0
F#5
–0.222
770
1336
5
22
10110
1568.0
G5
0.126
852
1336
8
23
10111
1661.2
G#5
–0.241
941
1336
0
24
11000
1760.0
A6
–0.302
697
1477
3
25
11001
1864.6
A#6
–0.014
770
1477
6
26
11010
1975.5
B6
0.665
852
1477
9
27
11011
2093.0
C6
0.367
941
1477
#
28
11100
2217.5
C#6
0.387
697
1633
A
29
11101
2349.3
D6
0.771
770
1633
B
30
11110
2663.3
---
852
1633
C
31
11111
2983.0
---
941
1633
D


Similar Part No. - U4091BM-RFNGY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4091BM-AFN TEMIC-U4091BM-AFN Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091BM-AFNG3 TEMIC-U4091BM-AFNG3 Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFN ATMEL-U4091BM-NFN Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFNG3 ATMEL-U4091BM-NFNG3 Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
More results

Similar Description - U4091BM-RFNGY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
U4091BM TEMIC-U4091BM Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com