Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA2525R333-DDW Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA2525R333-DDW
Description  IR Receiver ASSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA2525R333-DDW Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA2525R333-DDW Datasheet HTML 1Page - ATMEL Corporation ATA2525R333-DDW Datasheet HTML 2Page - ATMEL Corporation ATA2525R333-DDW Datasheet HTML 3Page - ATMEL Corporation ATA2525R333-DDW Datasheet HTML 4Page - ATMEL Corporation ATA2525R333-DDW Datasheet HTML 5Page - ATMEL Corporation ATA2525R333-DDW Datasheet HTML 6Page - ATMEL Corporation ATA2525R333-DDW Datasheet HTML 7Page - ATMEL Corporation ATA2525R333-DDW Datasheet HTML 8Page - ATMEL Corporation ATA2525R333-DDW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
4854E–AUTO–10/06
ATA2525
3.3
Minimum detection
threshold current;
Figure 6-2 on page 5
Test signal: see
Figure 6-6 on page 7
V
S = 5V,
Tamb = 25°C,
I
IN_DC = 1 µA;
square pp,
burst N = 16,
f = f
0; tPER = 10 ms,
Figure 6-6 on page 7;
BER = 50(1)
3IEemin
–600
pA
B
3.4
Minimum detection
threshold current with
AC current disturbance
IIN_AC100 = 3 µA at
100 Hz
Test signal: see
Figure 6-6 on page 7
V
S = 5V,
Tamb = 25°C,
I
IN_DC = 1 µA,
square pp,
burst N = 16,
f = f
0; tPER = 10 ms,
Figure 6-6 on page 7;
BER = 50%(1)
3
IEemin
–850
pA
C
3.5
Maximum detection
threshold current
Test signal: see
Figure 6-6 on page 7
V
S = 5V, Tamb = 25°C,
IIN_DC = 1 µA;
square pp,
burst N = 16,
f = f0; tPER = 10 ms,
Figure 6-6 on page 7;
BER = 5%(1)
3I
Eemax
–400
µA
D
4
Controlled Amplifier and Filter
4.1
Maximum value of
variable gain (CGA)
V
S = 5V, Tamb = 25°C
G
VARMAX
51
dB
D
4.2
Minimum value of
variable gain (CGA)
VS = 5V, Tamb = 25°C
GVARMIN
–5
dB
D
4.3
Total internal
amplification(2)
VS = 5V, Tamb = 25°C
GMAX
71
dB
D
4.4
Center frequency fusing
accuracy of bandpass
V
S = 5V, Tamb = 25°C
f
0_FUSE
–3
f
0
+3
%
A
4.5
Overall accuracy center
frequency of bandpass
f0
–6.7
f0
+4.1
%
C
4.6
BPF bandwidth
–3 dB; f
0 = 38 kHz; see
Figure 6-4 on page 6
B3.5
kHz
B
4.
Electrical Characteristics (Continued)
Tamb = –25°C to +85°C, VS = 4.5V to 5.5V unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. BER = Bit Error Rate; e.g., BER = 5% means that with P = 20 at the input pin 19...21 pulses can appear at the pin OUT
2. After transformation of input current into voltage


Similar Part No. - ATA2525R333-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
More results

Similar Description - ATA2525R333-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com