Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5823-PLQW Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA5823-PLQW
Description  UHF ASK/FSK Transceiver
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5823-PLQW Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA5823-PLQW Datasheet HTML 6Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 7Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 8Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 9Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 10Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 11Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 12Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 13Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
10
4829D–RKE–06/06
ATA5823/ATA5824
7.
RF Transceiver in Half-duplex Mode
According to Figure 2-2 on page 5, the RF transceiver consists of an LNA (Low-Noise Amplifier),
PA (Power Amplifier), RX/TX switch, fractional-N frequency synthesizer and the signal process-
ing part with mixer, IF filter, IF amplifier with analog RSSI, FSK/ASK demodulator, data filter and
data slicer.
In receive mode the LNA pre-amplifies the received signal which is converted down to 226 kHz
intermediate frequency (IF), filtered and amplified before it is fed into an FSK/ASK demodulator,
data filter and data slicer. The RSSI (Received Signal Strength Indicator) signal and the raw dig-
ital output signal of the demodulator are available at the pins RSSI and on TEST3 (open drain
output). The demodulated data signal Demod_Out is fed into the digital control logic where it is
evaluated and buffered as described in section “Digital Control Logic” on page 35.
In transmit mode the fractional-N frequency synthesizer generates the TX frequency which is fed
into the PA. In ASK mode the PA is modulated by the signal PA_Enable. In FSK mode the PA is
enabled and the signal TX_DATA (FSK) modulates the fractional-N frequency synthesizer. The
frequency deviation is digitally controlled and internally fixed to about ±19.5 kHz (see Table 9-1
on page 30 for exact values). The transmit data can also be buffered as described in section
“Digital Control Logic” on page 35. A lock detector within the synthesizer ensures that the trans-
mission will only start if the synthesizer is locked.
In half-duplex mode the RX/TX switch can be used to combine the LNA input and the PA output
to a single antenna with a minimum of losses. In full-duplex mode more isolation between
receive and transmit antenna is needed, therefore two antennas have to be used.
Transparent modes without buffering of RX and TX data are also available to allow protocols
and coding schemes other than the internal supported Manchester encoding, like PWM and
pulse position coding.
7.1
Low-IF Receiver
The receive path consists of a fully integrated low-IF receiver. It fulfills the sensitivity, blocking,
selectivity, supply voltage and supply current specification needed to manufacture an automo-
tive key fob for RKE and PEG systems without the use of a SAW blocking filter (see Figure 3-1
on page 6 and Figure 5-1 on page 8). The receiver can be connected to the roof antenna in the
car when using an additional blocking SAW front-end filter as shown in Figure 4-1 on page 7.
At 433.92 MHz the receiver has a typical system noise figure of 6.5 dB, a system I1dBCP of
30 dBm and a system IIP3 of 20 dBm. The signal path is linear for disturbers up to the I1dBCP
and there is hence no AGC or switching of the LNA needed to achieve a better blocking perfor-
mance. This receiver uses an IF of about 226 kHz (see table “Electrical Characteristics” number
2.10 for exact values), the typical image rejection is 30 dB and the typical 3 dB system band-
width is 220 kHz (f
IF =2 2 6 k H z ± 1 1 0k H z , f l o_I F = 1 16 kHz an d f hi _I F = 3 36 kHz). The
demodulator needs a signal to noise ratio of 8 dB for 20 Kbit/s Manchester with ±19.5 kHz fre-
quency deviation in FSK mode, thus, the resulting sensitivity at 433.92 MHz is typically
105.5 dBm.
Due to the low phase noise and spurious of the synthesizer in receive mode
(1) together with the
eighth order integrated IF filter the receiver has a better selectivity and blocking performance
than more complex double superhet receivers, without using external components and without
numerous spurious receiving frequencies.
Note:
1. –120 dBC/Hz at ±1 MHz and –72 dBC at ±fXTO at 433.92 MHz


Similar Part No. - ATA5823-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5823-PLQW ATMEL-ATA5823-PLQW Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
More results

Similar Description - ATA5823-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK TRANSCEIVER
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com