Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5278 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA5278
Description  Stand-alone Antenna Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5278 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA5278_07 Datasheet HTML 3Page - ATMEL Corporation ATA5278_07 Datasheet HTML 4Page - ATMEL Corporation ATA5278_07 Datasheet HTML 5Page - ATMEL Corporation ATA5278_07 Datasheet HTML 6Page - ATMEL Corporation ATA5278_07 Datasheet HTML 7Page - ATMEL Corporation ATA5278_07 Datasheet HTML 8Page - ATMEL Corporation ATA5278_07 Datasheet HTML 9Page - ATMEL Corporation ATA5278_07 Datasheet HTML 10Page - ATMEL Corporation ATA5278_07 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
4832D–RKE–12/07
ATA5278
The main element of this circuit is the parallel inverting stage which generates the clock signal in
conjunction with the external reference device. During power-down mode, these inverters are
shut down and the pull-down structure on the OSCI pin is active. As soon as the SPI enables the
oscillator, the pull-down is disabled and the inverters are powered up. Now, the clock signal
assessment stage monitors the signal on the OSCI pin. As soon as the amplitude and the period
reach acceptable values, one of the two inverters (i.e., the drivers) is shut down in order to
reduce power dissipation in the external reference device. Figure 3-5 illustrates the period
assessment.
Figure 3-5.
Oscillator Signal Assessment
3.5
I/O Voltage Interface
All digital I/O pins, including the reset input pin NRES, are passed through the internal voltage
interface before they reach their concerning blocks. This interface prevents possible compensa-
tion currents, as the control logic of the ATA5278 is supplied by the internal 5V regulator. It is
capable of handling I/O voltages between 3.15V and 5.5V, determined by the voltage applied to
the VIF pin.
The pins NRES and S_CS are additionally equipped with a pull-up and a pull-down structure
respectively in order to ensure a defined behavior of the ATA5278 in case of a broken connec-
tion. If the NRES line is broken, the pull-up structure keeps the input in passive state and normal
operation is possible. A broken S_CS line will cause a permanently disabled SPI and S_DO pin,
so communication between the microcontroller and other SPI bus members is still possible. For
further details on the voltage interface, please refer to the table “Electrical Characteristics” on
page 27.
t > t
LOW,max
t < t
LOW,max
Oscillator
enable signal
Clock signal for
internal logic
Clock signal for
internal logic
Second inverter
enable signal
OSCO signal


Similar Part No. - ATA5278_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5278 ATMEL-ATA5278_06 Datasheet
602Kb / 34P
   Stand-alone Antenna Driver
More results

Similar Description - ATA5278_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5277 ATMEL-ATA5277 Datasheet
330Kb / 20P
   STAND-ALONE ANTENNA DRIVER
ATA5278 ATMEL-ATA5278_06 Datasheet
602Kb / 34P
   Stand-alone Antenna Driver
ATA5278 ATMEL-ATA5278 Datasheet
484Kb / 33P
   STAND-ALONE ANTENNA DRIVER
logo
Pulse A Technitrol Comp...
W3538 PULSE-W3538 Datasheet
1Mb / 6P
   Penta-Band Stand Alone PWB Antenna
W3538 PULSE-W3538_14 Datasheet
1Mb / 6P
   Penta-Band Stand Alone PWB Antenna
logo
Molex Electronics Ltd.
0479500011 MOLEX11-0479500011 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479501001 MOLEX11-0479501001 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479501011 MOLEX11-0479501011 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
PS-47950-011 MOLEX-PS-47950-011 Datasheet
105Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*15.9mm)
2015-04-14
0479502001 MOLEX11-0479502001 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com