Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5823 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA5823
Description  UHF ASK/FSK Transceiver
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5823 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA5823_06 Datasheet HTML 5Page - ATMEL Corporation ATA5823_06 Datasheet HTML 6Page - ATMEL Corporation ATA5823_06 Datasheet HTML 7Page - ATMEL Corporation ATA5823_06 Datasheet HTML 8Page - ATMEL Corporation ATA5823_06 Datasheet HTML 9Page - ATMEL Corporation ATA5823_06 Datasheet HTML 10Page - ATMEL Corporation ATA5823_06 Datasheet HTML 11Page - ATMEL Corporation ATA5823_06 Datasheet HTML 12Page - ATMEL Corporation ATA5823_06 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
9
4829D–RKE–06/06
ATA5823/ATA5824
6.
Typical Car Application for Full-duplex PEG
Figure 6-1.
Typical Car Application for Full-duplex PEG, 433.92 MHz
Figure 6-1 shows a typical 433.92 MHz V
CC = 4.4V to 5.25V PEG car application. The external
components are 11 capacitors, 1 resistor, 3 inductors, a SAW Filter and a crystal. C
1, C3 and C4
are 68 nF voltage supply blocking capacitors. C
2 is a 2.2 µF supply blocking capacitors for the
internal voltage regulator. C5 is a 10 nF supply blocking capacitor. C
6 is a 15 nF fixed capacitor
used for the internal quasi-peak detector and for the high-pass frequency of the data filter. C
7 to
C
10 are RF matching capacitors in the range of 1 pF to 33 pF. L1 is a feed inductor of about
120 nH, L
2 and L3 are matching inductors to match the RX-antenna to the SAW and the SAW to
RF_IN. A load capacitor of 9 pF for the crystal is integrated. C
11 is a 10 nF capacitor which is
necessary to prevent that signals couple into the pin R_PWR, causing amplitude modulation of
the output power and a spurious rise of the transmitted signal. R
1 and C11 should be placed
close to the R_PWR pin. R
1 is typically 22 kΩ and SETPWR is programmed to get an output
power of 0 dBm in full-duplex mode and 5 dBm in half-duplex mode. The quality factor of the
TX-loop antenna is only reduced by the quality factor of L
1, the tolerances of C9 and C10 are thus
important. Since the 2 Antennas are located at different places the isolation between RF_OUT
and RF_IN is about 45 dB and the coupled output power from RF_OUT to RF_IN is about
45 dBm. The receive Sensitivity in full-duplex mode is reduced from 106 dBm without coupled
RF power at RF_IN to 102 dBm with 45 dBm coupled RF power at RF_IN. The use of SAW fil-
ters in the full-duplex system is unsuitable due to the high group delay which desensitize the
receiver.
VSINT
POUT
XTAL2
CLK
TEST3
IRQ
RSSI
CDEM
CS
SCK
SDI_TMDI
SDO_TMDO
RF_IN
NC
NC
R_PWR
RF_OUT
PWR_H
NC
NC
NC
NC
NC
NC
VCC
V
SS
AVCC
50
connector to
RX antenna
Microcontroller
ATA5823/ATA5824
C
1
C
2
C
10
C
5
C
7
C
6
C
3
L
1
C
4
R
1
13.25311 MHz
RFIN
V
CC = 4.4 V ... 5.25 V
SAW filter
L
3
L
2
C
8
433_N868
C
9
TX Loop antenna
(located in the control unit)
C
11


Similar Part No. - ATA5823_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5823-PLQW ATMEL-ATA5823-PLQW Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results

Similar Description - ATA5823_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK TRANSCEIVER
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com