Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5823 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA5823
Description  UHF ASK/FSK Transceiver
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5823 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA5823_06 Datasheet HTML 4Page - ATMEL Corporation ATA5823_06 Datasheet HTML 5Page - ATMEL Corporation ATA5823_06 Datasheet HTML 6Page - ATMEL Corporation ATA5823_06 Datasheet HTML 7Page - ATMEL Corporation ATA5823_06 Datasheet HTML 8Page - ATMEL Corporation ATA5823_06 Datasheet HTML 9Page - ATMEL Corporation ATA5823_06 Datasheet HTML 10Page - ATMEL Corporation ATA5823_06 Datasheet HTML 11Page - ATMEL Corporation ATA5823_06 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
8
4829D–RKE–06/06
ATA5823/ATA5824
5.
Typical Key Fob Application for Full-duplex PEG
Figure 5-1.
Typical Key Fob Application for Full-duplex PEG, 433.92 MHz
Figure 5-1 shows a typical 433.92 MHz PEG key fob application. The external components are
10 capacitors, 1 resistor, 1 inductor and a crystal. C
1 to C3 are 68 nF voltage supply blocking
capacitors. C
7 is a 10 nF supply blocking capacitor. C4 is a 15 nF fixed capacitor used for the
internal quasi-peak detector and for the high-pass frequency of the data filter. C
5, C6, C8 and C9
are RF matching capacitors in the range of 1 pF to 33 pF. L
2 is a feed inductor of about 120 nH.
C
10 is a 10 nF capacitor which is necessary to prevent that signals couple into the pin R_PWR,
causing amplitude modulation of the output power and a spurious rise of the transmitted signal.
R
1 and C10 should be placed close to the R_PWR pin. A load capacitor of 9 pF for the crystal is
integrated. R
1 is typically 22 kΩ and SETPWR is programmed to get an output power of –7 dBm
in full-duplex mode and 5 dBm in half-duplex mode. The quality factor of the loop antenna 1 is
only reduced by the quality factor of L
2, the tolerances of C9 and C8 are thus important. The qual-
ity factor of the loop antenna 2 is reduced to half due to the loading with the input impedance of
RF_IN. With well designed loop antennas and the correct degree of overlapping, the isolation
between RF_OUT and RF_IN is about 28 dB and the coupled output power from RF_OUT to
RF_IN is about –35 dBm. The decoupling of two loop antennas situated close to each other is
due to the effect that the magnetic flux from the part of loop antenna 1 that does not overlap and
that of the overlapping part has an opposite direction. Depending on the relative position
between the two antennas, a decoupling of 28 dB is achievable. Due to additional capacitive
coupling between the loops the position of the components C
5, C6 and C8, C9 are also important.
The receive Sensitivity in full-duplex mode is reduced from –106 dBm without coupled
RF-Power at RF_IN to –96 dBm with –35 dBm coupled RF power at RF_IN.
VSINT
POUT
XTAL2
CLK
TEST3
IRQ
RSSI
CDEM
CS
SCK
SDI_TMDI
SDO_TMDO
RF_IN
NC
NC
R_PWR
RF_OUT
433_N868
PWR_H
NC
NC
NC
NC
NC
NC
VCC
VSS
AVCC
Loop antenna 1
Microcontroller
ATA5823/ATA5824
Litihum-cell
C
1
C
7
C
6
C
4
C
3
+
L
2
C
2
R
1
13.25311 MHz
Loop antenna 2
C
5
20% overlap
C
10
C
8
C
9


Similar Part No. - ATA5823_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5823-PLQW ATMEL-ATA5823-PLQW Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results

Similar Description - ATA5823_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK TRANSCEIVER
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com