Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6032B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U6032B
Description  Automotive Toggle Switch IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6032B Datasheet(HTML) 5 Page - ATMEL Corporation

  U6032B_05 Datasheet HTML 1Page - ATMEL Corporation U6032B_05 Datasheet HTML 2Page - ATMEL Corporation U6032B_05 Datasheet HTML 3Page - ATMEL Corporation U6032B_05 Datasheet HTML 4Page - ATMEL Corporation U6032B_05 Datasheet HTML 5Page - ATMEL Corporation U6032B_05 Datasheet HTML 6Page - ATMEL Corporation U6032B_05 Datasheet HTML 7Page - ATMEL Corporation U6032B_05 Datasheet HTML 8Page - ATMEL Corporation U6032B_05 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
4771B–AUTO–11/05
U6032B
4.3
Relay-control Output
The relay-control output is an open-collector Darlington circuit with an integrated 23-V Z-diode
for limiting the inductive cut-off pulse of the relay coil. The maximum static collector current must
not exceed 300 mA and the saturation voltage is typically 1.1 V at 200 mA.
4.4
Interference Voltages and Load Dump
The lC supply is protected by R
1, C1, and an integrated Z-diode, while the inputs are protected
by a series resistor, integrated Z-diode and RF capacitor (refer to Figure 4-4 on page 6).
The relay-control output is protected by the integrated 23 V Z-diode in case of short interference
peaks. It is switched to conductive condition for a battery voltage greater than 40 V in case of
load dump. The output transistor is dimensioned so that it can withstand the generated current.
4.5
Power-on Reset
When the operating voltage is switched on, an internal power-on reset pulse (POR) is generated
which sets the logic of the circuits to a defined initial condition. The relay output is disabled.
4.6
Relay-control Output Behavior, Pin 2
The time functions (relay output) can be started or interrupted by the three inputs ON, OFF or
TOGGLE (pins 3, 4 and 5, input circuit of these pins see Figure 4-4 on page 6).
The relay becomes active if the time function is triggered, and the relay contact is interrupted
after the elapse of the delay time, t
d. There are two input possibilities.
4.7
Toggle Input, Pin 5
When the push-button (TOGGLE) switch, S
1, is pressed for the first time, the relay becomes
active after the debounce time, t
3, i.e., the relay output, pin 2, is active.
Repeated operation of S
1 causes the interruption of the relay contact, thus disabling the relay.
Each operation of the toggle switch, S
1, changes (alters) the condition of the relay output when
the debounce time, td, is exceeded, i.e., the TOGGLE function.
If the relay output is not disabled by pressing the switch S
1, the output stays active.
Figure 4-3.
TOGGLE Function
47 µF/
16 V
510
R
2
C
2
V
Batt
1
2
6
5
87
3
4
20 k
S
1
U6032B
R
1
C
1


Similar Part No. - U6032B_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6032B-FP ATMEL-U6032B-FP Datasheet
189Kb / 12P
   AUTOMOTIVE TOGGLE SWITCH IC
More results

Similar Description - U6032B_05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU6032B UTC-UU6032B Datasheet
181Kb / 5P
   AUTOMOTIVE TOGGLE SWITCH IC
logo
ATMEL Corporation
U6032B ATMEL-U6032B Datasheet
189Kb / 12P
   AUTOMOTIVE TOGGLE SWITCH IC
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
   SWITCH - TOGGLE
logo
CW Industries
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
   TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
   TOGGLE SWITCH
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
   TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
   SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
   SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
   SWITCH-TOGGLE
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
   TOGGLE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com