Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2117-3ASY Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T2117-3ASY
Description  Zero-voltage Switch with Adjustable Ramp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2117-3ASY Datasheet(HTML) 1 Page - ATMEL Corporation

  T2117-3ASY Datasheet HTML 1Page - ATMEL Corporation T2117-3ASY Datasheet HTML 2Page - ATMEL Corporation T2117-3ASY Datasheet HTML 3Page - ATMEL Corporation T2117-3ASY Datasheet HTML 4Page - ATMEL Corporation T2117-3ASY Datasheet HTML 5Page - ATMEL Corporation T2117-3ASY Datasheet HTML 6Page - ATMEL Corporation T2117-3ASY Datasheet HTML 7Page - ATMEL Corporation T2117-3ASY Datasheet HTML 8Page - ATMEL Corporation T2117-3ASY Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
Direct Supply from the Mains
Current Consumption
≤0.5 mA
Very Few External Components
Full-wave Drive – No DC Current Component in the Load Circuit
Negative Output Current Pulse Typically 100 mA – Short-circuit Protected
Simple Power Control
Ramp Generator
Reference Voltage
Applications
Full-wave Power Control
Temperature Regulation
Power Blinking Switch
1.
Description
The integrated circuit, T2117, is designed as a zero-voltage switch in bipolar technol-
ogy. It is used to control resistive loads at mains by a triac in zero-crossing mode. A
ramp generator allows power control function by period group control, whereas
full-wave logic guarantees that full mains cycles are used for load switching.
Zero-voltage
Switch with
Adjustable
Ramp
T2117
Rev. 4768B–INDCO–10/05


Similar Part No. - T2117-3ASY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2117-3AS ATMEL-T2117-3AS Datasheet
80Kb / 11P
   Zero-Voltage Switch with Adjustable Ramp
More results

Similar Description - T2117-3ASY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U217B TEMIC-U217B Datasheet
296Kb / 12P
   Zero-Voltage Switch with Adjustable Ramp
logo
ATMEL Corporation
T2117 ATMEL-T2117 Datasheet
80Kb / 11P
   Zero-Voltage Switch with Adjustable Ramp
logo
TEMIC Semiconductors
TEA1024 TEMIC-TEA1024 Datasheet
114Kb / 8P
   Zero Voltage Switch with Fixed Ramp
logo
Siemens Semiconductor G...
BRT21 SIEMENS-BRT21 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com