Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2102B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # U2102B
Description  Multifunction Timer IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2102B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button U2102B Datasheet HTML 2Page - ATMEL Corporation U2102B Datasheet HTML 3Page - ATMEL Corporation U2102B Datasheet HTML 4Page - ATMEL Corporation U2102B Datasheet HTML 5Page - ATMEL Corporation U2102B Datasheet HTML 6Page - ATMEL Corporation U2102B Datasheet HTML 7Page - ATMEL Corporation U2102B Datasheet HTML 8Page - ATMEL Corporation U2102B Datasheet HTML 9Page - ATMEL Corporation U2102B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
4767B–INDCO–10/05
U2102B
In the case of AC loads, it is necessary to distinguish the power supply purposes of the individ-
ual operating modes. In reverse phase control mode (see Figure 3-1 on page 5), pin 15 must be
additionally supplied with power via a dropping resistor, since no current flows in pin 16 when
the power switch is switched on. Here, the dropping resistor, R
1, is connected to the AC line and
has therefore only one mains half-wave. R
1 is then calculated as follows:
Figure 3-2.
Power Supply in Reverse Phase Control Mode for AC Loads
In two-wire systems, the additional power supply at pin 15 is not possible (see Figure 3-1 on
page 5, by omitting R
1 and diode D1). In this case, the resistor Rsync is identical with R1 and
should be as low as the power dissipation allows it. A sufficiently large residual phase angle
must remain in this case to guarantee the device’s supply.
The power supply is simplified if the device is operated as a static zero-voltage switch for AC
loads (see Figure 3-2). All delay times are then twice as long, since the synchronization of the
module is connected directly to the AC line.
R
1max
0.85
V
Nmin
V
S
2I
tot
×
----------------------------
×
=
Voltage
limitation
Temp.
monit.
Push
pull
Sync.
16
15
14
13
GND
Load
IGBT
R
1
V
mains
R
sh
R
G
C
1
D
1
R
syn
+V
S


Similar Part No. - U2102B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
   Multifunction Timer
More results

Similar Description - U2102B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
   Multifunction Timer
logo
SELEC Controls Pvt. Ltd
XT246 SELEC-XT246 Datasheet
571Kb / 2P
   Multifunction Timer
XT5042 SELEC-XT5042 Datasheet
158Kb / 2P
   Multifunction Timer
XT346 SELEC-XT346 Datasheet
574Kb / 2P
   Multifunction Timer
logo
FOTEK CONTROLS CO., LTD...
TMP50-2D FOTEK-TMP50-2D Datasheet
775Kb / 4P
   Multifunction Digital timer
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
   Multifunction Timer/Counter with
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
   Multifunction Timer/Counter with
logo
List of Unclassifed Man...
88220SERIES ETC2-88220SERIES Datasheet
156Kb / 2P
   MULTIFUNCTION MOTOR TIMER WITH MEMORY
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com