Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2102B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # U2102B
Description  Multifunction Timer IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2102B Datasheet(HTML) 3 Page - ATMEL Corporation

  U2102B Datasheet HTML 1Page - ATMEL Corporation U2102B Datasheet HTML 2Page - ATMEL Corporation U2102B Datasheet HTML 3Page - ATMEL Corporation U2102B Datasheet HTML 4Page - ATMEL Corporation U2102B Datasheet HTML 5Page - ATMEL Corporation U2102B Datasheet HTML 6Page - ATMEL Corporation U2102B Datasheet HTML 7Page - ATMEL Corporation U2102B Datasheet HTML 8Page - ATMEL Corporation U2102B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
4767B–INDCO–10/05
U2102B
2.
Pin Configuration
Figure 2-1.
Pinning DIP16/SO16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VREF
CRAMP
RRAMP
CONTROL
OSC
PROG
EN
TRIGGER
SYNC
+VS
VO
GND
IOFF
II
TEST
V9
U2102B
Pin Description
Pin
Symbol
Function
1
VREF
Reference voltage 5 V
2
CRAMP
Ramp capacitance
3
RRAMP
Current setting for ramp
4
CONTROL
Control voltage
5
OSC
RC oscillator
6
PROG
Tri-state programming
7
EN
Enable input
8
TRIGGER
Trigger input (window)
9
V9
Window adjustment
10
TEST
Test output
11
II
Input current monitoring
12
IOFF
Fast output current monitoring
13
GND
Ground
14
VO
Output voltage
15
+VS
Supply voltage
16
SYNC
Synchronization input


Similar Part No. - U2102B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
   Multifunction Timer
More results

Similar Description - U2102B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
   Multifunction Timer
logo
SELEC Controls Pvt. Ltd
XT246 SELEC-XT246 Datasheet
571Kb / 2P
   Multifunction Timer
XT5042 SELEC-XT5042 Datasheet
158Kb / 2P
   Multifunction Timer
XT346 SELEC-XT346 Datasheet
574Kb / 2P
   Multifunction Timer
logo
FOTEK CONTROLS CO., LTD...
TMP50-2D FOTEK-TMP50-2D Datasheet
775Kb / 4P
   Multifunction Digital timer
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
   Multifunction Timer/Counter with
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
   Multifunction Timer/Counter with
logo
List of Unclassifed Man...
88220SERIES ETC2-88220SERIES Datasheet
156Kb / 2P
   MULTIFUNCTION MOTOR TIMER WITH MEMORY
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com